Electronic Components Datasheet Search
  English  ▼

X  

DSC6311HE2AA-T Datasheet (PDF) - Microchip Technology

DSC6311HE2AA-T Datasheet PDF - Microchip Technology
Part # DSC6311HE2AA-T
Download  DSC6311HE2AA-T Download
File Size   457.21 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum

DSC6311HE2AA-T Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC6311HE2AA-T Datasheet PDF - Microchip Technology

Part # DSC6311HE2AA-T
Download  DSC6311HE2AA-T Click to download

File Size   457.21 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum

DSC6311HE2AA-T Datasheet (HTML) - Microchip Technology


DSC6311HE2AA-T Product details

General Description
The DSA63xx series of clock generators uses a proven silicon MEMS technology to provide excellent frequency stability over a wide range of temperatures as well as small size. Available in three different package sizes with operating current as low as 3 mA, the smallest 4-pin package is a mere 1.6 mm x 1.2 mm in size. The devices support up to ±2.5% or –3% spread spectrum that can achieve up to 15 dB electromagnetic interference (EMI) reduction. Because of industry standard package and pin options, customers can solve last minute EMI problems simply by placing the new DSA63xx on their current board layout with no redesign required.
The DSA63xx family is available in 1.6 mm x 1.2 mm and 2.0 mm x 1.6 mm, and 2.5 mm x 2.0 mm packages. These packages are “drop-in” replacements for standard 4-pin CMOS quartz crystal oscillators.

Features
• Automotive AEC-Q100 Qualified
• Output Frequency: 1 MHz to 100 MHz LVCMOS
• Spread Spectrum Options:
   - Center-Spread: ±0.25%, ±0.5%, ±1.0%,
      ±1.5%, ±2.0%, ±2.5%
   - Down-Spread: –0.25%, –0.5%, –1.0%,
      –1.5%, –2.0%, –3.0%
• Ultra-Low Power Consumption: 3 mA (Active),
   1 μA (Standby)
• Wide Supply Voltage Range: 1.71V ~ 3.63V VDD
• Wide Temperature Range:
   - Automotive Grade 1: –40°C to +125°C
   - Automotive Grade 2: –40°C to +105°C
   - Automotive Grade 3: –40°C to +85°C
• Ultra-Small Package Sizes:
   - 1.6 mm x 1.2 mm
   - 2.0 mm x 1.6 mm
   - 2.5 mm x 2.0 mm
• Excellent Shock and Vibration Immunity
   - Qualified to MIL-STD-883
• High Reliability
   - 20x Better MTBF than Quartz Oscillators
• Lead Free and RoHS Compliant

Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module

Benefits
• Replace High-Temperature Crystals and Quartz Oscillators




Similar Part No. - DSC6311HE2AA-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC6311HE2AB-001.0000B MICROCHIP-DSC6311HE2AB-001.0000B Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC6311HE2AB-001.0000T MICROCHIP-DSC6311HE2AB-001.0000T Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
More results


Similar Description - DSC6311HE2AA-T

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HM572RD05 MERCURY-HM572RD05 Datasheet
121Kb / 1P
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
logo
Microchip Technology
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
SiTime Corp.
SIT9003 SITIME-SIT9003 Datasheet
444Kb / 9P
Low Power Spread Spectrum Oscillator
logo
Microchip Technology
DSC63XXB MICROCHIP-DSC63XXB Datasheet
479Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSA60XX MICROCHIP-DSA60XX Datasheet
429Kb / 26P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA61XX MICROCHIP-DSA61XX Datasheet
416Kb / 24P
Ultra-Small, Low Power MEMS Oscillator for Automotive
05/14/19
DSA63XX MICROCHIP-DSA63XX Datasheet
588Kb / 26P
Ultra-Small, Ultra-Low Power MEMS Oscillatorwith Spread Spectrum for Automotive
08/15/18
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com