Electronic Components Datasheet Search
  English  ▼

X  

2SB1621 Datasheet (PDF) - List of Unclassifed Manufacturers

2SB1621 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2SB1621
Download  2SB1621 Download
File Size   91.39 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 200W

2SB1621 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1621 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2SB1621
Download  2SB1621 Click to download

File Size   91.39 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 200W

2SB1621 Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 2SB1621

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1623 PANASONIC-2SB1623 Datasheet
44Kb / 1P
Silicon PNP epitaxial planer type(For power amplification)
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
For Power Amplification
logo
Sanken electric
2SB1624 SANKEN-2SB1624 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
logo
Savantic, Inc.
2SB1624 SAVANTIC-2SB1624 Datasheet
148Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1624 ISC-2SB1624 Datasheet
137Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Similar Description - 2SB1621

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
POWER TRANSISTORS(200W)
2N5301 MOSPEC-2N5301 Datasheet
178Kb / 4P
POWER TRANSISTORS(200W)
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
200W CHIP SCALE
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
200W Flood Light
PARA-SPL-200WDF-YFA-WW PARALIGHT-PARA-SPL-200WDF-YFA-WW Datasheet
139Kb / 4P
200W Flood Light
logo
MicroPower Direct, LLC
LDC-185 MPD-LDC-185 Datasheet
1Mb / 4P
200W Output Power
logo
LinkCom Manufacturing C...
200W-LCCH LINKCOM-200W-LCCH Datasheet
456Kb / 3P
200W Power Supply
logo
Delta Electronics, Inc.
HET200PC-B DELTA-HET200PC-B Datasheet
2Mb / 15P
Thermoelectric cooler 200W
logo
Shindengen Electric Mfg...
ST02-39G1 SHINDENGEN-ST02-39G1 Datasheet
1Mb / 5P
TVS 3.8A, 200W
logo
ETA-USA
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
200W Open Frame
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com