Electronic Components Datasheet Search
  English  ▼

X  

PSA-12 Datasheet (PDF) - Banner Engineering Corp.

PSA-12 Datasheet PDF - Banner Engineering Corp.
Part # PSA-12
Download  PSA-12 Download
File Size   46.27 Kbytes
Page   2 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description LED Diffused On-Axis Lights (25 mm)

PSA-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSA-12 Datasheet PDF - Banner Engineering Corp.

Part # PSA-12
Download  PSA-12 Click to download

File Size   46.27 Kbytes
Page   2 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description LED Diffused On-Axis Lights (25 mm)

PSA-12 Datasheet (HTML) - Banner Engineering Corp.




Similar Part No. - PSA-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSA-12 ETC2-PSA-12 Datasheet
31Kb / 1P
Power Supplies (12 Volt)
logo
Banner Engineering Corp...
PSA-12 BANNER-PSA-12 Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
PSA-12 BANNER-PSA-12 Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Phihong USA Inc.
PSA-124 PHIHONG-PSA-124 Datasheet
68Kb / 2P
Single Output Adaptor Switching Power Supply
logo
List of Unclassifed Man...
PSA-12E ETC2-PSA-12E Datasheet
31Kb / 1P
Power Supplies (12 Volt)
More results


Similar Description - PSA-12

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
LEDRS25N ETC1-LEDRS25N Datasheet
41Kb / 2P
LED Highly-Diffused Light (25 mm)
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
LEDRC200N ETC1-LEDRC200N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (200 mm)
logo
Banner Engineering Corp...
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Shanghai Cyanlite Techn...
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com