Electronic Components Datasheet Search
  English  ▼

X  

MAX3654 Datasheet (PDF) - Maxim Integrated Products

MAX3654 Datasheet PDF - Maxim Integrated Products
Part # MAX3654
Download  MAX3654 Download
File Size   622.57 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 47MHz to 870MHz Analog CATV Transimpedance Amplifier

MAX3654 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3654 Datasheet PDF - Maxim Integrated Products

Part # MAX3654
Download  MAX3654 Click to download

File Size   622.57 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 47MHz to 870MHz Analog CATV Transimpedance Amplifier

MAX3654 Datasheet (HTML) - Maxim Integrated Products


MAX3654 Product details

General Description
The MAX3654 analog transimpedance amplifier (TIA) is designed for CATV applications in fiber-to-the-home (FTTH) networks. This high-linearity amplifier is intended for 47MHz to 870MHz subcarrier multiplexed (SCM) signals in passive optical networks (PON). A gain-control input supports AGC operation with optical inputs having -6dBm to +2dBm average power. With 62dBΩ maximum gain at 47MHz and 18dB gain control range, the minimum RF output level is 14dBmV/channel at -6dBm optical input. A compact 4mm x 4mm package includes all of the active RF circuitry required to convert analog PIN photocurrent to a 75Ω CATV output.

Features
♦ 47MHz to 870MHz Operation
♦ -6dBm to +2dBm Optical Input Range
♦ 21dBm OIP3, 47dBm OIP2
♦ 5.5pA/√Hz EIN (Amplifier Alone)
♦ 62dB Gain at 47MHz
♦ 18dB Transimpedance (Gain) Control
♦ Integrated +4dB Gain Tilt (with Typical Photodiode)
♦ +5V Single-Supply Operation
♦ 700mW Power Dissipation
♦ -40°C to +85°C Operating Temperature Range
♦ 4mm x 4mm TQFN Package

Applications
    FTTH Optical Network Termination (ONT)




Similar Part No. - MAX3654

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3654 MAXIM-MAX3654 Datasheet
229Kb / 5P
Evaluation Kit
Rev 1; 3/07
MAX3654EVKIT MAXIM-MAX3654EVKIT Datasheet
229Kb / 5P
Evaluation Kit
Rev 1; 3/07
MAX3654 MAXIM-MAX3654_1 Datasheet
229Kb / 5P
Evaluation Kit
Rev 1; 3/07
More results


Similar Description - MAX3654

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Tyco Electronics
MAFLCT0066 MACOM-MAFLCT0066 Datasheet
84Kb / 4P
CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
M/A-COM Technology Solu...
MAFLCT0066 MA-COM-MAFLCT0066 Datasheet
81Kb / 4P
CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
Maxim Integrated Produc...
MAX3660 MAXIM-MAX3660 Datasheet
250Kb / 9P
Analog CATV Transimpedance Amplifier
Rev 0; 7/08
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com