Electronic Components Datasheet Search
  English  ▼

X  

HX6356-BHC Datasheet (PDF) - List of Unclassifed Manufacturers

HX6356-BHC Datasheet PDF - List of Unclassifed Manufacturers
Part # HX6356-BHC
Download  HX6356-BHC Download
File Size   145.39 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 32K x 8 STATIC RAM-SOI

HX6356-BHC Datasheet (PDF)

Go To PDF Page Download Datasheet
HX6356-BHC Datasheet PDF - List of Unclassifed Manufacturers

Part # HX6356-BHC
Download  HX6356-BHC Click to download

File Size   145.39 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 32K x 8 STATIC RAM-SOI

HX6356-BHC Datasheet (HTML) - List of Unclassifed Manufacturers


HX6356-BHC Product details

[Honeywell]



GENERAL DESCRIPTION

The 32K x 8 Radiation Hardened Static RAM is a high performance 32,768 word x 8-bit static random access memory with industry-standard functionality. It is fabricated with Honeywell’s radiation hardened technology, and is designed for use in systems operating in harsh, transient

radiation environments. The RAM operates over the full military temperature range and requires only a single 5 V ± 10% power supply. The RAM is available with either TTL or CMOS compatible I/O. Power consumption is typically less than 15 mW/MHz in operation, and less than 5 mW when

de-selected. The RAM read operation is fully asynchronous, with an associated typical access time of 14 ns at 5V.



FEATURES

RADIATION

• Fabricated with RICMOS™ IV Silicon on Insulator (SOI) 0.75µm Process (Leff = 0.6 µm)

• Total Dose Hardness through 1x106 rad(SiO2)

• Neutron Hardness through 1x1014 cm-2

• Dynamic and Static Transient Upset Hardness through 1x1011 rad(Si)/s

• Dose Rate Survivability through 1x1012 rad(Si)/s

• Soft Error Rate of <1x10-10 upsets/bit-day in Geosynchronous Orbit

• Latchup Free



OTHER

• Listed On SMD# 5962-95845

• Fast Read/Write Cycle Times

  ≤17 ns (Typical)

  ≤25 ns (-55 to 125°C)

• Typical Operating power < 15 mW/MHz

• Asynchronous Operation

• CMOS or TTL Compatible I/O

• Single 5 V ±10% Power Supply

• Packaging Options

  - 36-Lead CFP—Bottom Braze (0.630 in. x 0.650 in.)

  - 36-Lead CFP—Top Braze (0.630 in. x 0.650 in.)




Similar Part No. - HX6356-BHC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
15-21 GHz Active Harmonic Mixer
logo
HEXIN SEMICONDUCTOR.
HX6017 HEXIN-HX6017 Datasheet
372Kb / 10P
High Accuracy Linear Li-Lon Battery Charger
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
MDL,DUAL,1GP,1:1,SM,TU
More results


Similar Description - HX6356-BHC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
32K x 8 STATIC RAM Low Power SOI
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com