| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX8516
|
181Kb / 9P |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 1; 4/04 |
|
MAX8516
|
190Kb / 10P |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
19-3188; Rev 2; 9/09 |
|
MAX15014
|
815Kb / 26P |
1A, 4.5V to 40V Input Buck Converters with 50mA Auxiliary LDO Regulators
19-0734; Rev 0; 1/07 |
|
MAX8516EUB-T
|
190Kb / 10P |
1.425V to 3.6V Input, 1A, 0.2V Dropout LDO Regulators
Rev 2; 9/09 |
|
MAX17673
|
1Mb / 27P |
Integrated 4.5V to 60V Synchronous 1.5A HV Buck and Dual 2.7V to 5.5V, 1A Buck Regulators
Rev 2; 11/19 |
 Diodes Incorporated |
AP64102
|
1Mb / 21P |
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 2 - 2 July 2021 |
|
AP64060
|
1Mb / 18P |
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 2 - 2 August 2022 |
|
AP64060Q
|
1Mb / 19P |
4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
Rev. 3 - 2 September 2022 |
|
AP64100
|
1Mb / 26P |
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021 |
 Renesas Technology Corp |
RAA212421
|
1Mb / 34P |
3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019 |