Electronic Components Datasheet Search
  English  ▼

X  

2SK3797 Datasheet (PDF) - Toshiba Semiconductor

2SK3797 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3797
Download  2SK3797 Download
File Size   220.18 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-Channel MOS Type

2SK3797 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3797 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3797
Download  2SK3797 Click to download

File Size   220.18 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-Channel MOS Type

2SK3797 Datasheet (HTML) - Toshiba Semiconductor


2SK3797 Product details

Switching Regulator Applications

• Low drain-source ON resistance: RDS (ON) = 0.32 Ω (typ.)
• High forward transfer admittance: |Yfs| = 7.5 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 600 V)
• Enhancement model: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3797

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3797 TOSHIBA-2SK3797 Datasheet
209Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
2SK3797 TOSHIBA-2SK3797 Datasheet
191Kb / 6P
Switching Regulator Applications
2SK3797 TOSHIBA-2SK3797 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3797 ISC-2SK3797 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3797 TOSHIBA-2SK3797_06 Datasheet
209Kb / 6P
Silicon N-Channel MOS Type Switching Regulator Applications
More results


Similar Description - 2SK3797

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2882 TOSHIBA-2SK2882 Datasheet
292Kb / 5P
SILICON N-CHANNEL MOS TYPE
22-Oct-1999
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
SILICON N CHANNEL MOS TYPE
2SK3130 TOSHIBA-2SK3130_06 Datasheet
192Kb / 6P
Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com