Electronic Components Datasheet Search
  English  ▼

X  

CH1817LM Datasheet (PDF) - List of Unclassifed Manufacturers

CH1817LM Datasheet PDF - List of Unclassifed Manufacturers
Part # CH1817LM
Download  CH1817LM Download
File Size   443.62 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Family of Low Profile DAA Modules

CH1817LM Datasheet (PDF)

Go To PDF Page Download Datasheet
CH1817LM Datasheet PDF - List of Unclassifed Manufacturers

Part # CH1817LM
Download  CH1817LM Click to download

File Size   443.62 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Family of Low Profile DAA Modules

CH1817LM Datasheet (HTML) - List of Unclassifed Manufacturers


CH1817LM Product details

[Cermetek]

INTRODUCTION
The CH1817 is a Family of Low Profile Data Access Arrangement (DAA) Modules. They are compatible with all modem chip sets. These devices have been tested to meet or exceed FCC Part 68 requirements and are Canadian DOC approvable. They are also recognized by Underwriters Laboratories to UL 1459 Specifications.

FEATURES
• Low Profile, Ultra small size: 1.0” x 1.0” x 0.35”
• Complete DAA function
• Ring detection
• Built-in 2-wire to 4-wire conversion
• Lightweight
• Multimedia compatible
• +5V operation
• 1000 VAC isolation
• 800 Volt surge protection
• V.32bis/14,400bps, applications
• UL1459 recognized
• CH1817-L: Low power consumption and Common mode noise rejection filter
• CH1817-LM (special order): Reduced transmit attenuation
• CH1817-D: Differential transmission input and 0dB transmission insertion loss.




Similar Part No. - CH1817LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1837A ETC1-CH1837A Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1837F ETC1-CH1837F Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1838A ETC1-CH1838A Datasheet
203Kb / 9P
CH1837A/7F/8A Data Access Arrangement Module V.34bis High Speed DAA Module
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
logo
Winsonic Electronics
CH1853-WX25L0 WINSONIC-CH1853-WX25L0 Datasheet
114Kb / 1P
Chassis VRknob at front bezel, 18.5" LCD monitor, 1366 x 768, LED 250 nits, VGA input
More results


Similar Description - CH1817LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
Low Profile Data Access Arrangement (DAA) Modules
XE0092 ETC1-XE0092 Datasheet
116Kb / 11P
Surface-Mount DAA Modules for Audio or Data Transfer
logo
alpha microelectronics ...
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
Cree, Inc
LMH2 CREE-LMH2 Datasheet
1Mb / 21P
LMH2 LED Modules Family
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
Cybergate DAA
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
Cybergate DAA
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
The USB-COM-Plus modules are a family of communication devices
logo
HALO Electronics, Inc.
TGM-010P3RL HALO-TGM-010P3RL Datasheet
560Kb / 3P
Low Profile SMD Isolation Modules
logo
ELATEC GmbH
HOP2-CBLEL ELATEC-HOP2-CBLEL Datasheet
269Kb / 3P
Panel housing for RFID modules of the TWN4 MultiTech 2 family
11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com