Electronic Components Datasheet Search
  English  ▼

X  

G692 Datasheet (PDF) - Global Mixed-mode Technology Inc

G692 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G692
Download  G692 Download
File Size   36.52 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 4-Pin 關P Voltage Monitors with Manual Reset Input

G692 Datasheet (PDF)

Go To PDF Page Download Datasheet
G692 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G692
Download  G692 Click to download

File Size   36.52 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 4-Pin 關P Voltage Monitors with Manual Reset Input

G692 Datasheet (HTML) - Global Mixed-mode Technology Inc


G692 Product details

General Description

The G692/G693 are microprocessor (µP) supervisory circuits used to monitor the power supplies in µP and digital systems. They provide excellent circuit reliability and low cost by eliminating external components and

adjustments when used with +5V, +3.3V, +3.0V- powered circuits. The G692/G693 also provide a de bounced manual reset input.



Features

Precision Monitoring of +3V, +3.3V, and +5V Power-Supply Voltages

Fully Specified Over Temperature

Available in Three Output Configurations

   Push-Pull RESET Output (G692L)

   Push-Pull RESET Output (G692H)

   Open-Drain RESET Output (G693L)

140ms min Power-On Reset Pulse Width

5µA Supply Current

Guaranteed Reset Valid to VCC = +1V

Power Supply Transient Immunity

No External Components

Manual Reset Input

4-Pin SOT143 Package



Applications

Computers

Controllers

Intelligent Instruments

Critical µP and µC Power Monitoring

Portable / Battery-Powered Equipment

Automotive




Similar Part No. - G692

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
4-Pin UP Voltage Monitors with Manual Reset Input
G692H ETC-G692H Datasheet
171Kb / 7P
4-Pin UP Voltage Monitors with Manual Reset Input
More results


Similar Description - G692

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
4-Pin UP Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
4-Pin P Voltage Monitors with Manual Reset Input
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
4-Pin 關P Voltage Monitors with Manual Reset Input
2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com