Electronic Components Datasheet Search
  English  ▼

X  

2807N Datasheet (PDF) - KIA Semiconductor Technology

2807N Datasheet PDF - KIA Semiconductor Technology
Part # 2807N
Download  2807N Download
File Size   378.76 Kbytes
Page   7 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 150A竊?5V N-CHANNEL MOSFET

2807N Datasheet (PDF)

Go To PDF Page Download Datasheet
2807N Datasheet PDF - KIA Semiconductor Technology

Part # 2807N
Download  2807N Click to download

File Size   378.76 Kbytes
Page   7 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description 150A竊?5V N-CHANNEL MOSFET

2807N Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 2807N

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2807NA-SFAP EMCORE-2807NA-SFAP Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
2807NA-SFAP EMCORE-2807NA-SFAP Datasheet
235Kb / 2P
2807 Mini-Node CATV Optical Receiver
2807NA-SFSP EMCORE-2807NA-SFSP Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
2807NA-SFSP EMCORE-2807NA-SFSP Datasheet
235Kb / 2P
2807 Mini-Node CATV Optical Receiver
2807NA-SFSP EMCORE-2807NA-SFSP_13 Datasheet
235Kb / 2P
2807 Mini-Node CATV Optical Receiver
More results


Similar Description - 2807N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
20N40H KIA-20N40H Datasheet
445Kb / 7P
20A竊?00V N-CHANNEL MOSFET
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
28N50H KIA-28N50H Datasheet
347Kb / 5P
28A竊?00V N-CHANNEL MOSFET
1N60H KIA-1N60H Datasheet
47Kb / 3P
1A竊?00V N-CHANNEL MOSFET
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
730H KIA-730H Datasheet
280Kb / 6P
6Amps竊?00V N-CHANNEL MOSFET
2804N KIA-2804N Datasheet
355Kb / 7P
150A竊?0V N-CHANNEL MOSFET
2808A KIA-2808A Datasheet
540Kb / 6P
150A竊?0V N-CHANNEL MOSFET
KNX2810A KIA-KNX2810A Datasheet
300Kb / 6P
150A竊?00V N-CHANNEL MOSFET
KNX3208A KIA-KNX3208A Datasheet
447Kb / 8P
100A竊?5V N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com