Electronic Components Datasheet Search
  English  ▼

X  

AD590KH Datasheet (PDF) - Analog Devices

AD590KH Datasheet PDF - Analog Devices
Part # AD590KH
Download  AD590KH Download
File Size   3123.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two-Twrminal IC Temperature Transducer

AD590KH Datasheet (PDF)

Go To PDF Page Download Datasheet
AD590KH Datasheet PDF - Analog Devices

Part # AD590KH
Download  AD590KH Click to download

File Size   3123.77 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Two-Twrminal IC Temperature Transducer

AD590KH Datasheet (HTML) - Analog Devices


AD590KH Product details

GENERAL DESCRIPTION
The AD590 is a 2-terminal integrated circuit temperature transducer that produces an output current proportional to absolute temperature. For supply voltages between 4 V and 30 V, the device acts as a high impedance, constant current regulator passing 1 μA/K. Laser trimming of the chip’s thin-film resistors is used to calibrate the device to 298.2 μA output at 298.2 K (25°C).

FEATURES
   Linear current output: 1 μA/K
   Wide temperature range: −55°C to +150°C
   Probe-compatible ceramic sensor package
   2-terminal device: voltage in/current out
   Laser trimmed to ±0.5°C calibration accuracy (AD590M)
   Excellent linearity: ±0.3°C over full range (AD590M)
   Wide power supply range: 4 V to 30 V
   Sensor isolation from case
   Available in 2-lead FLATPACK, 4-lead LFCSP, 3-pin TO-52,
      8-lead SOIC, and die form




Similar Part No. - AD590KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590KH AD-AD590KH Datasheet
3Mb / 16P
Two-Terminal IC Temperature Transducer
9/03-Data Sheet Changed from REV. B to REV. C.
AD590KH AD-AD590KH Datasheet
346Kb / 16P
2-Terminal IC Temperature Transducer
Rev. E
AD590KH AD-AD590KH Datasheet
423Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590KH AD-AD590KH Datasheet
411Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590KH AD-AD590KH Datasheet
417Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
More results


Similar Description - AD590KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
Two-Terminal IC Temperature Transducer
9/03-Data Sheet Changed from REV. B to REV. C.
AD592 AD-AD592 Datasheet
302Kb / 8P
Low Cost, Precision IC Temperature Transducer
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
2-Terminal IC Temperature Transducer
Rev. E
AD592CNZ AD-AD592CNZ Datasheet
778Kb / 8P
Low Cost, Precision IC Temperature Transducer
REV. A
AD590KF AD-AD590KF Datasheet
423Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590JH AD-AD590JH Datasheet
417Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com