Electronic Components Datasheet Search
  English  ▼

X  

TS30042 Datasheet (PDF) - Semtech Corporation

TS30042 Datasheet PDF - Semtech Corporation
Part # TS30042
Download  TS30042 Download
File Size   1346.62 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz

TS30042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS30042 Datasheet PDF - Semtech Corporation

Part # TS30042
Download  TS30042 Click to download

File Size   1346.62 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz

TS30042 Datasheet (HTML) - Semtech Corporation


TS30042 Product details

Features
• Fixed output voltage choices: 1.5V, 1.8V, 2.5V, 3.3V, and 5V
with +/- 2% output tolerance
• Adjustable version output voltage range: 0.9V to (VCC -
1V) with +/- 1.5% reference
• Wide input voltage range: 4.5V to 40V (42V Abs Max)
• 1MHz +/- 10% ! xed switching frequency
• Continuous output current: 1A (TS30041), 2A (TS30042)
• High e" ciency up to 95%
• Current mode PWM control with PFM mode for improved
light load e" ciency
• Voltage supervisor for VOUT reported at the Power Good
(PG) pin
• Input supply under voltage lockout
• Soft start for controlled startup with no overshoot
• Full protection for over-current, over-temperature, and
VOUT over-voltage
• SYNC function on EN/SYNC pin to control switching frequency
• Less than 10uA in standby mode
• Low external component count

Description
The TS30041 (1A) and TS30042 (2A) are DC/DC synchronous
switching regulators with fully integrated power switches,
internal compensation, and full fault protection. The switching
frequency of 1MHz enables the use of small ! lter components
resulting in minimal board space and reduced BOM costs.
The TS30041/42 utilizes current mode feedback in normal
regulation PWM mode. When the regulator is placed in
standby (EN is low), the device draws less than 10uA quiescent
current.
The TS30041/42 integrates a wide range of protection circuitry
including input supply under-voltage lockout, output voltage
soft start, current limit, and thermal shutdown.
The TS30041/42 includes supervisory reporting through
the PG (Power Good) open drain output to interface other
components in the system.

Applications
• On-card switching regulators
• Set-top box, DVD, LCD, LED supply
• Industrial power supplies




Similar Part No. - TS30042

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS30042Q SEMTECH-TS30042Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Similar Description - TS30042

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Global Mixed-mode Techn...
AT1358 GMT-AT1358 Datasheet
77Kb / 1P
1MHz, 1A Synchronous Buck Converter with 500mA LDO
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com