Electronic Components Datasheet Search
  English  ▼

X  

TS13001 Datasheet (PDF) - Semtech Corporation

TS13001 Datasheet PDF - Semtech Corporation
Part # TS13001
Download  TS13001 Download
File Size   125.69 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Galvanic Isolated Blocking 56V Power Load Switch

TS13001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS13001 Datasheet PDF - Semtech Corporation

Part # TS13001
Download  TS13001 Click to download

File Size   125.69 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Galvanic Isolated Blocking 56V Power Load Switch

TS13001 Datasheet (HTML) - Semtech Corporation


TS13001 Product details

Description
The TS13001 is a galvanic isolated 56V power switch device with bi-directional blocking. The device includes a single integrated 110mOhm high voltage FET allowing high efficiency switching of power loads or other high current applications. The input pin, CLK, controls the turn on/off of the switch.

Features
• Low Quiescent Operating Currents
   ♦ 2uA in OFF state
   ♦ 15uA in ON state
   ♦ +/- 2KV galvanic isolation from primary to secondary
      sides of the device
• Single control signal for on/off input (CLK)
   ♦ Operation from 2.9V to 5.5V compatible with standard
      microcontrollers
• Switch Characteristics
   ♦ High voltage switch with bi-directional blocking in OFF
      state
   ♦ Single switch device
• 56V switch and 110mohm Rdson
• Over current shutoff
   ♦ 5.5Amp typical, 6.6Amp maximum, 4.4Amp minimum
      -10C to 65C

Applications
• Power load/rail switching
• Input supply muxing
• Isolated power supplies
• Solid state relays
• HVAC control




Similar Part No. - TS13001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS13001 TSC-TS13001 Datasheet
35Kb / 2P
High Voltage NPN Transistor
TS13001CT TSC-TS13001CT Datasheet
35Kb / 2P
High Voltage NPN Transistor
More results


Similar Description - TS13001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
TS13101 SEMTECH-TS13101 Datasheet
555Kb / 10P
Galvanic Isolated Latching 60V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
logo
Micrel Semiconductor
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
3A High-Side Load Switch with Reverse Blocking
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com