Electronic Components Datasheet Search
  English  ▼

X  

AW36413 Datasheet (PDF) - Shanghai awinic technology co.,ltd

AW36413 Datasheet PDF - Shanghai awinic technology co.,ltd
Part # AW36413
Download  AW36413 Download
File Size   3034.18 Kbytes
Page   39 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description High Efficiency, Dual 1.5A Flash LED Driver

AW36413 Datasheet (PDF)

Go To PDF Page Download Datasheet
AW36413 Datasheet PDF - Shanghai awinic technology co.,ltd

Part # AW36413
Download  AW36413 Click to download

File Size   3034.18 Kbytes
Page   39 Pages
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd
Description High Efficiency, Dual 1.5A Flash LED Driver

AW36413 Datasheet (HTML) - Shanghai awinic technology co.,ltd




Similar Part No. - AW36413

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW36413CSR AWINIC-AW36413CSR Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
More results


Similar Description - AW36413

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Shanghai awinic technol...
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com