Electronic Components Datasheet Search
  English  ▼

X  

EZ1587C Datasheet (PDF) - Semtech Corporation

EZ1587C Datasheet PDF - Semtech Corporation
Part # EZ1587C
Download  EZ1587C Download
File Size   159.09 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3 Amp Positive Voltage Regulator

EZ1587C Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1587C Datasheet PDF - Semtech Corporation

Part # EZ1587C
Download  EZ1587C Click to download

File Size   159.09 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3 Amp Positive Voltage Regulator

EZ1587C Datasheet (HTML) - Semtech Corporation


EZ1587C Product details

Description
The EZ1587 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at up to 3A. Additionally, the EZ1587 series provides excellent regulation over variations in line, load and temperature.

Features
◆ Low dropout voltage: 1.3V max. for EZ1587C and 1.4V max. for EZ1587I
◆ Full current rating over line and temperature
◆ Fast transient response
◆ ±2% total output regulation over line, load and temperature
◆ Adjust pin current max 90µA over temperature
◆ Fixed/adjustable output voltage (EZ1587C)
◆ Line regulation typically 0.015%
◆ Load regulation typically 0.05%
◆ Industrial temperature range (EZ1587I)
◆ TO-220 and TO-263 packages. Available in RoHS compliant package

Applications
◆ Printer and plotter supplies
◆ Instrumentation
◆ Medical equipment
◆ Microcontroller systems
◆ Telecommunication systems
◆ Motherboards
◆ Switching supply post regulation




Similar Part No. - EZ1587C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1587CM SEMTECH-EZ1587CM Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1587CM-1.3.TR SEMTECH-EZ1587CM-1.3.TR Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587CM-1.3.TRT SEMTECH-EZ1587CM-1.3.TRT Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587CM-1.5 SEMTECH-EZ1587CM-1.5 Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
EZ1587CM-1.8 SEMTECH-EZ1587CM-1.8 Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Similar Description - EZ1587C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1085220M05 SEME-LAB-LT1085220M05 Datasheet
29Kb / 3P
LOW DROPOUT 3 AMP POSITIVE VOLTAGE REGULATOR
LT1085GMD SEME-LAB-LT1085GMD Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
PJ1085 ETC-PJ1085 Datasheet
300Kb / 7P
3 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LT1085M SEME-LAB-LT1085M Datasheet
31Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085 SEMTECH-EZ1085_06 Datasheet
155Kb / 6P
3 Amp Positive Voltage Regulator
EZ1587C SEMTECH-EZ1587C_06 Datasheet
156Kb / 6P
3 Amp Positive Voltage Regulator
logo
Seme LAB
LM1085M SEME-LAB-LM1085M Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
LM1085G SEME-LAB-LM1085G Datasheet
38Kb / 3P
3 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1085CM-TR SEMTECH-EZ1085CM-TR Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com