Electronic Components Datasheet Search
  English  ▼

X  

OL5492B Datasheet (PDF) - OKI electronic componets

OL5492B Datasheet PDF - OKI electronic componets
Part # OL5492B
Download  OL5492B Download
File Size   52.87 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.48, 1.51, 1.52 關m Coaxial DFB Laser Module

OL5492B Datasheet (PDF)

Go To PDF Page Download Datasheet
OL5492B Datasheet PDF - OKI electronic componets

Part # OL5492B
Download  OL5492B Click to download

File Size   52.87 Kbytes
Page   6 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.48, 1.51, 1.52 關m Coaxial DFB Laser Module

OL5492B Datasheet (HTML) - OKI electronic componets


OL5492B Product details

GENERAL DESCRIPTION
The OL4492L, OL5492L/A, and OL5492L/B are MQW-DFB laser diode coaxial modules with optical isolator and single-mode fiber pigtails. These modules are optimal light sources for WDM supervisory channel in SDH system with optical in-line amplifier.

FEATURES
• Single-mode fiber output: Pf=2 mW
• Side mode suppression ratio: 30dB
• Includes monitor PD for power control
• Built-in optical isolator
• Wide operation temperature range
• Multi-quantum-well (MQW) structure

APPLICATIONS
• WDM supervisory channel in SDH system with optical in-line amplifier




Similar Part No. - OL5492B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5492L OKI-OL5492L Datasheet
46Kb / 4P
1.55 關m Coaxial DFB Laser Module
OL5492N OKI-OL5492N Datasheet
45Kb / 4P
1.55 關m Laser-Diode Coaxial Module
OL5492N-03 OKI-OL5492N-03 Datasheet
41Kb / 2P
1.55 mm Low-Power Laser Coaxial Module
OL5492N-2 OKI-OL5492N-2 Datasheet
42Kb / 3P
1.55 關m 2 mW Coaxial Module
OL5492N-3 OKI-OL5492N-3 Datasheet
44Kb / 3P
1.55 關m 3 mW Coaxial Module
More results


Similar Description - OL5492B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
1.3 關m Coaxial DFB Laser Module
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
1.3 關m High-Power Laser-Diode Coaxial Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
1.55 關m Coaxial DFB Laser Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
1.55 關m Laser-Diode Coaxial Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
1.55 關m High-Power Laser-Diode Coaxial Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
CWDM DFB Laser Module
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
Coaxial DFB Laser Diode
1935F EMCORE-1935F Datasheet
504Kb / 6P
Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
DFB-2004-3 ROITHNER-DFB-2004-3 Datasheet
239Kb / 3P
2.0 關m DFB laser diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com