Electronic Components Datasheet Search
  English  ▼

X  

EMBE0N10P Datasheet (PDF) - Excelliance MOS Corp.

EMBE0N10P Datasheet PDF - Excelliance MOS Corp.
Part # EMBE0N10P
Download  EMBE0N10P Download
File Size   178.02 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMBE0N10P Datasheet (PDF)

Go To PDF Page Download Datasheet
EMBE0N10P Datasheet PDF - Excelliance MOS Corp.

Part # EMBE0N10P
Download  EMBE0N10P Click to download

File Size   178.02 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMBE0N10P Datasheet (HTML) - Excelliance MOS Corp.


EMBE0N10P Product details

Product Summary:
   BVDSS 100V
   RDSON (MAX.) 500mΩ
   ID 1.8A

UIS 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMBE0N10P

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMBE0N10JS EXCELLIANCE-EMBE0N10JS Datasheet
177Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBE0N10Q EXCELLIANCE-EMBE0N10Q Datasheet
200Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - EMBE0N10P

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMD06N10E EXCELLIANCE-EMD06N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD06N80F EXCELLIANCE-EMD06N80F Datasheet
173Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N10E EXCELLIANCE-EMD08N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N80F EXCELLIANCE-EMD08N80F Datasheet
172Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N06A EXCELLIANCE-EMD12N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N10H EXCELLIANCE-EMD12N10H Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N60F EXCELLIANCE-EMD12N60F Datasheet
169Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com