Electronic Components Datasheet Search
  English  ▼

X  

MRF464 Datasheet (PDF) - eleflow technologies co., ltd.

MRF464 Datasheet PDF - eleflow technologies co., ltd.
Part # MRF464
Download  MRF464 Download
File Size   49.87 Kbytes
Page   1 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description NPN Silicon RF power transistor

MRF464 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF464 Datasheet PDF - eleflow technologies co., ltd.

Part # MRF464
Download  MRF464 Click to download

File Size   49.87 Kbytes
Page   1 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description NPN Silicon RF power transistor

MRF464 Datasheet (HTML) - eleflow technologies co., ltd.


MRF464 Product details

Description:
MRF464 is designed primarily for applications as a high–power linear amplifier from 2.0 to 30 MHz, in single sideband mobile, marine and base station equipment.

Features:
   Specified 28 Volt, 30 MHz Characteristics:
   Output Power = 80 W (PEP), Minimum Gain = 15 Db, Efficiency = 40%
   Intermodulation Distortion = –32 dB (Max).




Similar Part No. - MRF464

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF464 MOTOROLA-MRF464 Datasheet
104Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF464 ASI-MRF464 Datasheet
45Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MRF464

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com