Electronic Components Datasheet Search
  English  ▼

X  

MSM7717 Datasheet (PDF) - OKI electronic componets

MSM7717 Datasheet PDF - OKI electronic componets
Part # MSM7717
Download  MSM7717 Download
File Size   147.08 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7717 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7717 Datasheet PDF - OKI electronic componets

Part # MSM7717
Download  MSM7717 Click to download

File Size   147.08 Kbytes
Page   19 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7717 Datasheet (HTML) - OKI electronic componets


MSM7717 Product details

GENERAL DESCRIPTION
The MSM7717 is a single-channel CODEC CMOS IC for voice signals ranging from 300 to 3400 Hz with filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, the device is optimized for ISDN terminals and telephone terminals in digital wireless systems.
The device uses the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output, which can drive a 1.2 kW load, can directly drive a handset receiver differentially.

FEATURES
• Single power supply: 2.7 V to 3.8 V
• Low power consumption
    Operating mode: 20 mW Typ. VDD = 3 V
    Power-down mode: 0.03 mW Typ. VDD = 3 V
• Conforms to ITU-T Companding law
    MSM7717-01: μ/A-law pin selectable
    MSM7717-02: μ-law
    MSM7717-03: A-law
• Built-in PLL eliminates a master clock
• Serial data rate: 64/128/256/512/1024 kHz
                             96/192/384/768/1536/1544/2048/200 kHz
• Adjustable transmit gain
• Adjustable receive gain
• Built-in reference voltage supply
• Package options:
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSM7717-01GS-K)
                                                                         (Product name: MSM7717-02GS-K)
                                                                         (Product name: MSM7717-03GS-K)
    20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name: MSM7717-01MS-K)
                                                                              (Product name: MSM7717-02MS-K)
                                                                              (Product name: MSM7717-03MS-K)




Similar Part No. - MSM7717

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7717-01 ETC2-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
MSM7717-01 ETC2-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results


Similar Description - MSM7717

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com