Electronic Components Datasheet Search
  English  ▼

X  

LA6570 Datasheet (PDF) - Sanyo Semicon Device

LA6570 Datasheet PDF - Sanyo Semicon Device
Part # LA6570
Download  LA6570 Download
File Size   324.59 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD

LA6570 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6570 Datasheet PDF - Sanyo Semicon Device

Part # LA6570
Download  LA6570 Click to download

File Size   324.59 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD

LA6570 Datasheet (HTML) - Sanyo Semicon Device


LA6570 Product details

Overview

The LA6570 is a 5CH driver (BTL : 4CH, H-bridge : 1CH) for CD players.



Features

• Built-in POWER AMP 5CH (bridge connection (BTL) : 4CH, H-bridge : 1CH)

• IO max 1A

• Built-in level shift circuit (Except H-bridge.)

• Built-in MUTE circuit (output ON/OFF).

   (Operates only for CH1 to CH4 BTL AMP. No operation for H-bridge and 5VREG.)

• Built-in 5V regulator (with external PNP transistor)

• Implements VREF switching function (Select H for external, or L for internal (2.5 V))

• Built-in overheat protection circuit (Thermal shutdown)



 




Similar Part No. - LA6570

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
5CH Driver for Mini Disk and Compact Disk
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
5-CH Driver for Mini Disc
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
Five-Channel Driver
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
More results


Similar Description - LA6570

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
4Ch. Linear Driver IC for CD/CD-ROM
AN8816SB PANASONIC-AN8816SB Datasheet
73Kb / 8P
4ch. Linear Driver IC for CD/CD-ROM
logo
Sanyo Semicon Device
LA6564H SANYO-LA6564H Datasheet
431Kb / 8P
4CH Bridge (BTL) Driver for CD-R
LA6563 SANYO-LA6563 Datasheet
321Kb / 3P
4CH Bridge (BTL) Driver for CD
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
LA6502 SANYO-LA6502 Datasheet
150Kb / 11P
Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
4ch BTL driver for CD player
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
4ch BTL driver for CD player
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com