Electronic Components Datasheet Search
  English  ▼

X  

UPA651TT Datasheet (PDF) - NEC

UPA651TT Datasheet PDF - NEC
Part # UPA651TT
Download  UPA651TT Download
File Size   74.98 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA651TT Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA651TT Datasheet PDF - NEC

Part # UPA651TT
Download  UPA651TT Click to download

File Size   74.98 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING

UPA651TT Datasheet (HTML) - NEC


UPA651TT Product details

DESCRIPTION
The µPA651TT is a switching device, which can be driven directly by a 1.8 V power source.
This device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• 1.8 V drive available
• Low on-state resistance
   RDS(on)1 = 69 mΩ MAX. (VGS = −4.5 V, ID = −2.5 A)
   RDS(on)2 = 88 mΩ MAX. (VGS = −2.5 V, ID = −2.5 A)
   RDS(on)3 = 142 mΩ MAX. (VGS = −1.8 V, ID = −1.5 A)




Similar Part No. - UPA651TT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UPA651TT VBSEMI-UPA651TT Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
logo
Renesas Technology Corp
UPA651TT RENESAS-UPA651TT Datasheet
301Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2002
More results


Similar Description - UPA651TT

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
N0301P RENESAS-N0301P Datasheet
260Kb / 8P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ624-T1B-A RENESAS-2SJ624-T1B-A Datasheet
211Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com