Electronic Components Datasheet Search
  English  ▼

X  

EPC1064 Datasheet (PDF) - List of Unclassifed Manufacturers

EPC1064 Datasheet PDF - List of Unclassifed Manufacturers
Part # EPC1064
Download  EPC1064 Download
File Size   539.87 Kbytes
Page   36 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Configuration Devices for SRAM-Based LUT Devices

EPC1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPC1064 Datasheet PDF - List of Unclassifed Manufacturers

Part # EPC1064
Download  EPC1064 Click to download

File Size   539.87 Kbytes
Page   36 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Configuration Devices for SRAM-Based LUT Devices

EPC1064 Datasheet (HTML) - List of Unclassifed Manufacturers


EPC1064 Product details

[Altera Corporation]

Functional Description
With SRAM-based devices, configuration data must be reloaded each time the system initializes, or when new configuration data is needed. Altera configuration devices store configuration data for SRAM-based APEX II, APEX 20K, Mercury, ACEX, and FLEX devices. Table 1 lists Altera configuration devices.

Features
■ Serial device family for configuring APEXTM II, APEX 20K (including
   APEX 20K, APEX 20KC, and APEX 20KE), MercuryTM, ACEX® 1K,
   and FLEX® (FLEX 6000, FLEX 10KE, and FLEX 10KA) devices
■ Easy-to-use 4-pin interface to APEX II, APEX 20K, Mercury, ACEX,
   and FLEX devices
■ Low current during configuration and near-zero standby current
■ 5.0-V and 3.3-V operation
■ Software design support with the Altera® Quartus® II and
   MAX+PLUS® II development systems for Windows-based PCs as
   well as Sun SPARCstation, and HP 9000 Series 700/800
■ Programming support with Altera’s Master Programming Unit
   (MPU) and programming hardware from Data I/O,
   BP Microsystems, and other manufacturers
■ Available in compact plastic packages (see Figures 1 and 2)
   – 8-pin plastic dual in-line package (PDIP)
   – 20-pin plastic J-lead chip carrier (PLCC) package
   – 32-pin plastic thin quad flat pack (TQFP) package
   – 100-pin plastic thin quad flat pack (TQPF) package
   – 88-pin Ultra FineLine BGATM package
■ EPC2 device has reprogrammable Flash configuration memory
   – 5.0-V and 3.3-V in-system programmability (ISP) through the
      built-in IEEE Std. 1149.1 Joint Test Action Group (JTAG)
      interface
   – Built-in JTAG boundary-scan test (BST) circuitry compliant with
      IEEE Std. 1149.1
   – ISP circuitry is compatible with IEEE Std. 1532 for EPC2
      configuration device
   – Supports programming through Serial Vector Format Files
      (.svf), JamTM Standard Test and Programming Language
      (STAPL) Files (.jam), Jam STAPL Byte-Code Files (.jbc), and the
      MAX+PLUS II software via the MasterBlasterTM,
      ByteBlasterMVTM, or BitBlasterTM download cable
   – nINIT_CONF pin allows a JTAG instruction to initiate device configuration
   – Can be programmed with Programmer Object Files (.pof) for EPC1 and EPC1441 devices
   – Available in 20-pin PLCC and 32-pin TQFP packages
■ EPC4, EPC8, and EPC16 configuration devices have reprogrammable
   Flash configuration memory with density up to 16,000,000 or
   32,000,000 bits with compression feature in these devices.




Similar Part No. - EPC1064

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1064 ALTERA-EPC1064 Datasheet
467Kb / 36P
SRAM-Based LUT Devices
EPC1064 ALTERA-EPC1064 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1064 ALTERA-EPC1064 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1064 ALTERA-EPC1064 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1064 ALTERA-EPC1064 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based
More results


Similar Description - EPC1064

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TC32N ALTERA-EPC2TC32N Datasheet
397Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com