Electronic Components Datasheet Search
  English  ▼

X  

2N3053 Datasheet (PDF) - TT Electronics.

2N3053 Datasheet PDF - TT Electronics.
Part # 2N3053
Download  2N3053 Download
File Size   141.06 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description MEDIUM POWER SILICON NPN TRANSISTOR

2N3053 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3053 Datasheet PDF - TT Electronics.

Part # 2N3053
Download  2N3053 Click to download

File Size   141.06 Kbytes
Page   3 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description MEDIUM POWER SILICON NPN TRANSISTOR

2N3053 Datasheet (HTML) - TT Electronics.


2N3053 Product details

FEATURES
• VCEO = 40V
• IC = 0.7A
• Ptot = 5W




Similar Part No. - 2N3053

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
17Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N3053 BOCA-2N3053 Datasheet
42Kb / 1P
GENERAL PURPOSE TRANSISTOR(NPN SILICON)
logo
List of Unclassifed Man...
2N3053 ETC-2N3053 Datasheet
143Kb / 4P
GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Central Semiconductor C...
2N3053 CENTRAL-2N3053 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Seme LAB
2N3053 SEME-LAB-2N3053 Datasheet
41Kb / 2P
MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
More results


Similar Description - 2N3053

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
2N3506 MICROSEMI-2N3506 Datasheet
96Kb / 2P
NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
NPN Silicon Medium Power Transistor
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
Medium Power Transistor NPN silicon
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
NPN Silicon Medium Power Transistor
CZT31C-C SECOS-CZT31C-C Datasheet
251Kb / 2P
NPN Silicon Medium Power Transistor
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
NPN Silicon Medium Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com