Electronic Components Datasheet Search
  English  ▼

X  

TB0973A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TB0973A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TB0973A
Download  TB0973A Download
File Size   357.2 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 169.04MHz 9.7MHz BW (SMD 13.3횞6.5 mm)

TB0973A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0973A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0973A
Download  TB0973A Click to download

File Size   357.2 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 169.04MHz 9.7MHz BW (SMD 13.3횞6.5 mm)

TB0973A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TB0973A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0970A TAI-SAW-TB0970A Datasheet
359Kb / 7P
SAW Filter 340.5MHz 55MHz BW (SMD 5.0횞5.0 mm)
logo
Golledge Electronics Lt...
TB0970A GOLLEDGE-TB0970A Datasheet
120Kb / 6P
SAW Filter 340.50MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0971A TAI-SAW-TB0971A Datasheet
308Kb / 6P
SAW Filter 200MHz 6.7MHz BW (SMD 7.0횞5.0 mm)
More results


Similar Description - TB0973A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0849A TAI-SAW-TB0849A Datasheet
347Kb / 7P
SAW Filter 169.04MHz 9MHz BW (SMD 13.3횞6.5 mm)
TB0479A TAI-SAW-TB0479A Datasheet
362Kb / 6P
SAW Filter 96MHz 1.6MHz BW (SMD 13.3횞6.5 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB1006A TAI-SAW-TB1006A Datasheet
351Kb / 8P
SAW Filter 169.04MHz 10.8MHz BW (SMD 13.3횞6.5 mm)
TB1046A TAI-SAW-TB1046A Datasheet
345Kb / 7P
SAW Filter 304MHz 4MHz BW (SMD 13.3횞6.5 mm)
TB0184B TAI-SAW-TB0184B Datasheet
185Kb / 6P
SAW Filter 70MHz 3.5MHz BW (SMD 13.3횞6.5 mm)
TB0876A TAI-SAW-TB0876A Datasheet
373Kb / 8P
SAW Filter 169.04MHz 9.7MHz BW (SMD 13.3횞6.5 mm)
TB1154A TAI-SAW-TB1154A Datasheet
144Kb / 7P
SAW Filter 148MHz 21.59MHz BW (SMD 13.3횞6.5 mm)
TB1188A TAI-SAW-TB1188A Datasheet
231Kb / 10P
SAW Filter 241MHz 0.2MHz BW (SMD 13.3횞6.5 mm)
TB1235A TAI-SAW-TB1235A Datasheet
351Kb / 7P
SAW Filter 120MHz 13.84MHz BW (SMD 13.3횞6.5 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com