Electronic Components Datasheet Search
  English  ▼

X  

MSC2313258A Datasheet (PDF) - OKI electronic componets

MSC2313258A Datasheet PDF - OKI electronic componets
Part # MSC2313258A
Download  MSC2313258A Download
File Size   59.48 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC2313258A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC2313258A Datasheet PDF - OKI electronic componets

Part # MSC2313258A
Download  MSC2313258A Click to download

File Size   59.48 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC2313258A Datasheet (HTML) - OKI electronic componets


MSC2313258A Product details

DESCRIPTION
The Oki MSC2313258A-xxBS2/DS2 is a fully decoded 1,048,576-word x 32-bit CMOS dynamic random access memory composed of two 16-Mb (1M x 16) DRAMs in SOJ. The mounting of two DRAMs together with decoupling capacitors on a 72-pin glass epoxy SIMM Package supports any application where high density and large capacity of storage memory are required.

FEATURES
• 1,048,576-word x 32-bit organization
• 72-pin SIMM
    MSC2313258A-xxBS2 : Gold tab
    MSC2313258A-xxDS2 : Solder tab
• Single 5 V supply ±10% tolerance
• Input : TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 1024 cycles/16 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Fast Page Mode with EDO capability




Similar Part No. - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXBS2 OKI-MSC2313258D-XXBS2 Datasheet
41Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXDS2 OKI-MSC2313258D-XXDS2 Datasheet
41Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23132C OKI-MSC23132C Datasheet
589Kb / 8P
1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23T OKI-MSC23T Datasheet
771Kb / 11P
1,048,576-Word x 72-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com