Electronic Components Datasheet Search
  English  ▼

X  

S9018LT1 Datasheet (PDF) - List of Unclassifed Manufacturers

S9018LT1 Datasheet PDF - List of Unclassifed Manufacturers
Part # S9018LT1
Download  S9018LT1 Download
File Size   35.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOT-23 Plastic-Encapsulate Transistors

S9018LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9018LT1 Datasheet PDF - List of Unclassifed Manufacturers

Part # S9018LT1
Download  S9018LT1 Click to download

File Size   35.42 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOT-23 Plastic-Encapsulate Transistors

S9018LT1 Datasheet (HTML) - List of Unclassifed Manufacturers


S9018LT1 Product details

[JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD]



FEATURES

  Power dissipation

    PCM: 0.2 W (Tamb=25℃)

  Collector current

    ICM: 0.05 A

  Collector-base voltage

    V(BR)CBO: 25 V

  Operating and storage junction temperature range

    TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - S9018LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
S9018LT1 WEITRON-S9018LT1 Datasheet
1Mb / 3P
NPN General Purpose Transistors
S9018LT1 WEITRON-S9018LT1_10 Datasheet
259Kb / 3P
PNP General purpose Transistors
More results


Similar Description - S9018LT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com