Electronic Components Datasheet Search
  English  ▼

X  

VRE115MA Datasheet (PDF) - List of Unclassifed Manufacturers

VRE115MA Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE115MA
Download  VRE115MA Download
File Size   307.42 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Reference Supplies

VRE115MA Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE115MA Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE115MA
Download  VRE115MA Click to download

File Size   307.42 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Reference Supplies

VRE115MA Datasheet (HTML) - List of Unclassifed Manufacturers


VRE115MA Product details

DESCRIPTION
VRE114 Series Precision Voltage References provide ultrastable +1.500V (VRE114), -1.500V (VRE115) and ±1.500V (VRE116) outputs with ±150 µV initial accuracy and temperature coefficient as low as 0.8 ppm/°C over the full military temperature range. This improvement in accuracy is made possible by a unique, proprietary multipoint laser compensation technique developed by Thaler Corporation. Significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and long-term stability, making the VRE114 series the most accurate and stable 1.5V reference available.

FEATURES
• VERY HIGH ACCURACY: 1.500 V OUTPUT ±150 µV
• EXTREMELY LOW DRIFT: 0.8 ppm/°C 55°C to +125°C
• LOW WARM-UP DRIFT: 1 ppm Typ.
• EXCELLENT STABILITY: 6 ppm/1000 Hrs. Typ.
• EXCELLENT LINE REGULATION: 3 ppm/V Typ.
• HERMETIC 14-PIN CERAMIC DIP
• MILITARY PROCESSING OPTION


APPLICATIONS
• PRECISION A/D and D/A CONVERTERS
• TRANSDUCER EXCITATION
• ACCURATE COMPARATOR THRESHOLD REFERENCE
• HIGH RESOLUTION SERVO SYSTEMS
• DIGITAL VOLTMETERS
• HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS




Similar Part No. - VRE115MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
Precision Reference Supplies
logo
Cirrus Logic
VRE117 CIRRUS-VRE117 Datasheet
766Kb / 5P
Precision Voltage Reference
VRE117 CIRRUS-VRE117 Datasheet
816Kb / 5P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE117C ETC2-VRE117C Datasheet
425Kb / 5P
Precision Reference Supplies
More results


Similar Description - VRE115MA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
logo
List of Unclassifed Man...
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
Precision Reference Supplies
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
Precision Surface Mount Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
Precision Reference Supplies
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
Precision Reference Supplies
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
Precision High Temperature Reference Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com