Electronic Components Datasheet Search
  English  ▼

X  

ZMR500Q Datasheet (PDF) - Diodes Incorporated

ZMR500Q Datasheet PDF - Diodes Incorporated
Part # ZMR500Q
Download  ZMR500Q Download
File Size   289.77 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLI ANT 2.5V, 3.3V AND 5V VOLTAGE REGULATORS

ZMR500Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ZMR500Q Datasheet PDF - Diodes Incorporated

Part # ZMR500Q
Download  ZMR500Q Click to download

File Size   289.77 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLI ANT 2.5V, 3.3V AND 5V VOLTAGE REGULATORS

ZMR500Q Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZMR500Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR500 ZETEX-ZMR500 Datasheet
193Kb / 10P
FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR500C ZETEX-ZMR500C Datasheet
193Kb / 10P
FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR500CL ZETEX-ZMR500CL Datasheet
245Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR500CL ZETEX-ZMR500CL Datasheet
252Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR500CSTZ ZETEX-ZMR500CSTZ Datasheet
245Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results


Similar Description - ZMR500Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Rev. 6/12/97
CS5206-1 CHERRY-CS5206-1 Datasheet
164Kb / 7P
6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Rev. 7/8/97
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91 Datasheet
76Kb / 8P
2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
logo
Linear Technology
LT1118 LINER-LT1118_15 Datasheet
252Kb / 8P
800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.5 LINER-LT1118-2.5_15 Datasheet
252Kb / 8P
800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-2.85 LINER-LT1118-2.85_15 Datasheet
252Kb / 8P
800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118-5 LINER-LT1118-5_15 Datasheet
252Kb / 8P
800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
logo
Maxim Integrated Produc...
MAX17524EVKIT MAXIM-MAX17524EVKIT Datasheet
1Mb / 14P
Dual-Output Voltage 3.3V and 5V Application
Rev 0; 12/17
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
3.3V and 5V Output-Voltage Application
Rev 1; 7/17
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com