Electronic Components Datasheet Search
  English  ▼

X  

LMV393 Datasheet (PDF) - Diodes Incorporated

LMV393 Datasheet PDF - Diodes Incorporated
Part # LMV393
Download  LMV393 Download
File Size   1066.21 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description GENERAL PURPOSE LOW VOLTAGE COMPARATOR

LMV393 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV393 Datasheet PDF - Diodes Incorporated

Part # LMV393
Download  LMV393 Click to download

File Size   1066.21 Kbytes
Page   13 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description GENERAL PURPOSE LOW VOLTAGE COMPARATOR

LMV393 Datasheet (HTML) - Diodes Incorporated


LMV393 Product details

Description

The LMV331/LMV393 series are low voltage (2.7V to 5.5V) single and dual comparators, which are designed to effectively reduce cost and space at low voltage levels. These devices offer specifications that meet or exceed the familiar LM331/LM393 devices operating with a lower supply voltage and consuming a far lower supply current. The LMV331 is available in 5-Pin SOT353/SOT25 packages that reduce space on PC boards and portable electronic devices. LMV393

is available in industry standard SOP-8 and MSOP-8 packages.



Features

• Guaranteed 2.7V and 5.5V performance

• Operating temperature range (-40°C to +125°C)

• Low supply current 40 µA/comparator Typ

• Input Common Mode Voltage Range includes ground

• Open Collector Output for Maximums Flexibility

• SOT353, SOT25, MSOP-8, SO-8: Available in “Green” Molding Compound (No Br, Sb)



Applications

• Mobile communications

• Battery powered devices

• Notebooks and PDA’s

• General purpose low voltage applications

• General purpose portable devices




Similar Part No. - LMV393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV393 NSC-LMV393 Datasheet
480Kb / 21P
General Purpose, Low Voltage, TinyPack Comparators
logo
Unisonic Technologies
LMV393 UTC-LMV393 Datasheet
339Kb / 11P
DUAL GENERAL PURPOSE, LOW VOLAGE, COMPARATORS
logo
Texas Instruments
LMV393 TI-LMV393 Datasheet
534Kb / 17P
GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
National Semiconductor ...
LMV393 NSC-LMV393 Datasheet
504Kb / 20P
General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV393 ONSEMI-LMV393 Datasheet
916Kb / 21P
Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
More results


Similar Description - LMV393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
Single General Purpose Voltage Comparator
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
Single General Purpose Voltage Comparator
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393 BCDSEMI-AZV393_09 Datasheet
1Mb / 16P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
General-purpose low voltage comparator
10-Dec-2009
logo
Texas Instruments
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
Single General-Purpose Voltage Comparator
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
Single General Purpose Voltage Comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 2
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com