Electronic Components Datasheet Search
  English  ▼

X  

AS78L05 Datasheet (PDF) - Diodes Incorporated

AS78L05 Datasheet PDF - Diodes Incorporated
Part # AS78L05
Download  AS78L05 Download
File Size   402.47 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS78L05 Datasheet PDF - Diodes Incorporated

Part # AS78L05
Download  AS78L05 Click to download

File Size   402.47 Kbytes
Page   17 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78L05 Datasheet (HTML) - Diodes Incorporated


AS78L05 Product details

Description
The AS78LXX series are three terminal positive regulators designed for a wide variety of applications including local, on-card regulation.
This series of regulators are complete with internal current limiting, thermal shutdown protection, and safe-area compensation which make them virtually immune from output overload. If adequate heat sinking are provided, these regulators can deliver output currents up to 100mA.
The AS78LXX series are available in TO-92 (bulk or ammo packing), SOT-89 and SOIC-8 packages.

Features
• Output Current up to 100mA
• Fixed Output Voltages of 5V, 12V and 15V
• Output Voltage Accuracy of ±5% over the Full Temperature Range
• Internal Short Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components
• Output Transistor Safe-area Protection

Applications
• Consumer Electronics
• Microprocessor Power Supply
• Mother Board




Similar Part No. - AS78L05

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05CZTR-E1 BCDSEMI-AS78L05CZTR-E1 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-E1 BCDSEMI-AS78L05CZTR-E1 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-G1 BCDSEMI-AS78L05CZTR-G1 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05CZTR-G1 BCDSEMI-AS78L05CZTR-G1 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
AS78L05M-E1 BCDSEMI-AS78L05M-E1 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
More results


Similar Description - AS78L05

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
100mA POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
3-Terminal 100mA Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
100mA Adustable Positive Voltage Regulator
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
100mA Positive Voltage Regulator
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
100mA Adjustable Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
100mA Positive Voltage Regulator
VER1.5
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
100mA POSITIVE VOLTAGE REGULATOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com