Electronic Components Datasheet Search
  English  ▼

X  

2700145 Datasheet (PDF) - PHOENIX CONTACT

2700145 Datasheet PDF - PHOENIX CONTACT
Part # 2700145
Download  2700145 Download
File Size   49.91 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M16 cable threaded joint x 1.5 mm, black

2700145 Datasheet (PDF)

Go To PDF Page Download Datasheet
2700145 Datasheet PDF - PHOENIX CONTACT

Part # 2700145
Download  2700145 Click to download

File Size   49.91 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M16 cable threaded joint x 1.5 mm, black

2700145 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2700145

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
270014 RAACO-270014 Datasheet
34Kb / 1P
Box 6
logo
PHOENIX CONTACT
2700140 PHOENIX-2700140 Datasheet
246Kb / 13P
Voice output element for 24 V DC
2700141 PHOENIX-2700141 Datasheet
212Kb / 8P
Siren element, 7혻tones, 24혻V혻DC, max.혻100혻dB(A), ton range over 3 signal lines
2700142 PHOENIX-2700142 Datasheet
43Kb / 2P
Bulb, 5 W, 24 V, BA15d base
2700143 PHOENIX-2700143 Datasheet
50Kb / 2P
Angle for base mounting, black
More results


Similar Description - 2700145

ManufacturerPart #DatasheetDescription
logo
Lumberg
0306 LUMBERG-0306 Datasheet
461Kb / 5P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0308C02 LUMBERG-0308C02 Datasheet
187Kb / 3P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0314-1 LUMBERG-0314-1 Datasheet
444Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0315-2 LUMBERG-0315-2 Datasheet
381Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-1 LUMBERG-0316-1 Datasheet
492Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0316-2 LUMBERG-0316-2 Datasheet
459Kb / 4P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0317 LUMBERG-0317 Datasheet
724Kb / 5P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
logo
PHOENIX CONTACT
1417653 PHOENIX-1417653 Datasheet
65Kb / 3P
Cable gland, cable gland material: PA, external cable diameter 5 mm 10 mm, shielding: no, connecting thread: M16 x 1.5, color: lightgrey RAL 7035
logo
Lumberg
SV LUMBERG-SV Datasheet
554Kb / 4P
Circular connectors with threaded joint M16 acc.
SGR-V01 LUMBERG-SGR-V01 Datasheet
655Kb / 5P
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP68
11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com