Electronic Components Datasheet Search
  English  ▼

X  

NTE94 Datasheet (PDF) - NTE Electronics

NTE94 Datasheet PDF - NTE Electronics
Part # NTE94
Download  NTE94 Download
File Size   22.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage Switch

NTE94 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE94 Datasheet PDF - NTE Electronics

Part # NTE94
Download  NTE94 Click to download

File Size   22.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage Switch

NTE94 Datasheet (HTML) - NTE Electronics


NTE94 Product details

Description:

The NTE94 is a silicon NPN transistor in a TO3 type case designed for medium to high voltage inverters, converters, regulators, and switching circuits.



Features:

• High Collector–Emitter Voltage: VCEO = 300V

• DC Current Gain Specified at 1A and 2.5A

• Low Collector–Emitter Saturation Voltage: VCE(sat) = 0.8V @ 1A



 




Similar Part No. - NTE94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NTE9402 ETC1-NTE9402 Datasheet
32Kb / 1P
MISCELLAMEOUS INTEGRATED CIRCUITS
NTE9403 ETC1-NTE9403 Datasheet
32Kb / 1P
MISCELLAMEOUS INTEGRATED CIRCUITS
logo
NTE Electronics
NTE941 NTE-NTE941 Datasheet
25Kb / 3P
Integrated Circuit Operational Amplifier
NTE941D NTE-NTE941D Datasheet
23Kb / 3P
Integrated Circuit Operational Amplifier
NTE941M NTE-NTE941M Datasheet
30Kb / 3P
Integrated Circuit Operational Amplifier
More results


Similar Description - NTE94

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2318 NTE-NTE2318 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2325 NTE-NTE2325 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Switch
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
Silicon NPN Transistor Darlington, High Voltage Switch
NTE2586 NTE-NTE2586 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2590 NTE-NTE2590 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2591 NTE-NTE2591 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2593 NTE-NTE2593 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2594 NTE-NTE2594 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2596 NTE-NTE2596 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com