Electronic Components Datasheet Search
  English  ▼

X  

SMA4735A Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

SMA4735A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # SMA4735A
Download  SMA4735A Download
File Size   2053.77 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description 1W Silicon Planar Zener Diodes

SMA4735A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4735A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMA4735A
Download  SMA4735A Click to download

File Size   2053.77 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description 1W Silicon Planar Zener Diodes

SMA4735A Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.


SMA4735A Product details

FEATURE
 • Standard zener voltage tolerance is ± 5%.
 • Voltage Range 3.3 to 100 Volts
 • Low zener impedance
 • Low regulation factor
 • Glass passivated junction
 • High reliability




Similar Part No. - SMA4735A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4735A YANGJIE-SMA4735A Datasheet
194Kb / 3P
Zener Diodes
logo
Formosa MS
SMA4735A FORMOSA-SMA4735A Datasheet
151Kb / 4P
Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4735A SOCAY-SMA4735A Datasheet
149Kb / 5P
SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
SMA4735A SOCAY-SMA4735A Datasheet
149Kb / 5P
Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4735A CHENG-YI-SMA4735A Datasheet
352Kb / 3P
1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Similar Description - SMA4735A

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
1W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
1W SILICON PLANAR ZENER DIODES
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
1W SILICON PLANAR ZENER DIODES
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
1W Silicon Planar Zener Diodes
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
1W Silicon Planar Power Zener Diodes
logo
Guangdong Juxing Electr...
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
1W Silicon Planar Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com