Electronic Components Datasheet Search
  English  ▼

X  

BDX85C Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

BDX85C Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # BDX85C
Download  BDX85C Download
File Size   135.59 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Darlington Power Transistor

BDX85C Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX85C Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # BDX85C
Download  BDX85C Click to download

File Size   135.59 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon NPN Darlington Power Transistor

BDX85C Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


BDX85C Product details

DESCRIPTION
• High DC Current Gain- : hFE= 750(Min)@ IC= 3A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = 45V(Min)- BDX85; 60V(Min)- BDX85A 80V(Min)- BDX85B; 100V(Min)- BDX85C
• Complement to Type BDX86/A/B/C

APPLICATIONS
• Designed for use in power linear and switching applications.




Similar Part No. - BDX85C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BDX85C CENTRAL-BDX85C Datasheet
53Kb / 1P
Power Transistors
logo
Seme LAB
BDX85C SEME-LAB-BDX85C Datasheet
11Kb / 1P
Bipolar NPN Device
logo
Inchange Semiconductor ...
BDX85C ISC-BDX85C Datasheet
231Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Similar Description - BDX85C

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com