Electronic Components Datasheet Search
  English  ▼

X  

ISL6172EVAL3 Datasheet (PDF) - Intersil Corporation

ISL6172EVAL3 Datasheet PDF - Intersil Corporation
Part # ISL6172EVAL3
Download  ISL6172EVAL3 Download
File Size   412.92 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Hot Swap Controller

ISL6172EVAL3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6172EVAL3 Datasheet PDF - Intersil Corporation

Part # ISL6172EVAL3
Download  ISL6172EVAL3 Click to download

File Size   412.92 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Low Voltage Hot Swap Controller

ISL6172EVAL3 Datasheet (HTML) - Intersil Corporation


ISL6172EVAL3 Product details

This IC targets dual voltage hot swap applications across the
+2.5V to +3.3V bias supply voltage range with a second lower
voltage rail down to less than 1V. It features a charge pump for
driving external N-Channel MOSFETs, regulated current
protection and duration, output undervoltage monitoring and
reporting, optional latch-off or retry response, and adjustable
soft-start.
The current regulation level (CR) for each rail is set by two
external resistors and each CR duration is set by an external
capacitor on the TIM pin. After the CR duration has expired
the IC then quickly pulls down the associated GATE(s)
output turning off its external FET(s). The ISL6172 offers a
latched output or indefinite auto retry mode of operation.

Features
• Dual Supply Hot Swap Power Distribution Control to <1V
• Less than 1µs Response Time to Dead Short
• Overcurrent Circuit Breaker Fault Isolation and
Programmable Current Regulation Level Protection
Functions
• Programmable Current Regulation Duration
• Charge Pump Allows the use of N-Channel MOSFETs
• Rail Independent Control, Monitoring and Reporting I/O
• Adjustable Ramp up for Inrush Protection During Turn On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• Latch-off or Auto Reset Response to Fault Functions
• Adjustable Current Regulation Threshold as low as 20mV
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free

Applications
• Power Supply Sequencing, Distribution and Control
• Hot Swap/Electronic Breaker Circuits
• Network Hubs, Routers, Switches
• Hot Swap Bays, Cards and Modules




Similar Part No. - ISL6172EVAL3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173 Datasheet
452Kb / 20P
Dual Low Voltage Hot Swap Controller
February 15, 2005
ISL6173 INTERSIL-ISL6173 Datasheet
460Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173 Datasheet
454Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
452Kb / 20P
Dual Low Voltage Hot Swap Controller
February 15, 2005
More results


Similar Description - ISL6172EVAL3

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
Hot Swap Voltage Controller
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173 Datasheet
452Kb / 20P
Dual Low Voltage Hot Swap Controller
February 15, 2005
ISL6173 INTERSIL-ISL6173_06 Datasheet
460Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
CompactPCI Dual Hot Swap Controller
LTC4224-1 LINER-LTC4224-1 Datasheet
214Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
Compact Dual Low Voltage Hot Swap Controller
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
Dual Supply Hot Swap Controller
logo
Intersil Corporation
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
454Kb / 20P
Dual Low Voltage Hot Swap Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
Dual Low Voltage Hot Swap Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com