Electronic Components Datasheet Search
  English  ▼

X  

2N5741 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5741 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5741
Download  2N5741 Download
File Size   130.45 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2N5741 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5741 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5741
Download  2N5741 Click to download

File Size   130.45 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon PNP Power Transistors

2N5741 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5741 Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage- : VCEO(SUS)= -60V(Min.)
• Low Collector Saturation Voltage- : VCE(sat)= -1.5V(Max.)@ IC= -10A
• Wide Area of Safe Operation

APPLICATIONS
• Designed for general-purpose power amplifier and switching applications.




Similar Part No. - 2N5741

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5741 SEME-LAB-2N5741 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
logo
Savantic, Inc.
2N5741 SAVANTIC-2N5741 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5741 JMNIC-2N5741 Datasheet
110Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5741 ISC-2N5741 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N5741 SAVANTIC-2N5741 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N5741

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com