Electronic Components Datasheet Search
  English  ▼

X  

NTE871 Datasheet (PDF) - NTE Electronics

NTE871 Datasheet PDF - NTE Electronics
Part # NTE871
Download  NTE871 Download
File Size   28.33 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Wideband High Speed Operational Amp

NTE871 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE871 Datasheet PDF - NTE Electronics

Part # NTE871
Download  NTE871 Click to download

File Size   28.33 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Wideband High Speed Operational Amp

NTE871 Datasheet (HTML) - NTE Electronics


NTE871 Product details

Description:
The NTE871 is a large–signal wideband, high speed operational amplifier which has a unity gain crossover frequency (fT) of approximately 38MHz and an open–loop, 3dB corner frequency of approximately 110kHz. It can operate at a total supply voltage of from 14 to 36 volts (±7 to ±18 votls when using split supplies) and can provide at least 18VP–P and 30mAP–P at the output when operating from ±15 volt supplies. The NTE871 can be compensated with a single external capacitor and has DC offset adjust terminals for those applications requiring offset null.
The NTE871 circuit contains both bipolar and PMOS transistors on a single monlithic chip and is supplied in a 8–Lead TO5 package.

Features:
● High Open–Loop Gain at Video Frequencies: 42dB Typ. at 1MHz
● High Unity–Gain Crossover Frequency: fT = 38MHz Typ.
● Wide Power Bandwidth;
    VO = 18VP–P: 1.2MHz Typ.
● High Slew Rate;
    20dB Amplifier: 70V/µs Typ.
    Unity–Gain Amplifier: 25V/µs Typ.
● Fast Setting Time: 0.6µs Typ.
● High Output Current: ±15mA Min.
● Single Capacitor Compensation
● Offset Null Terminals




Similar Part No. - NTE871

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
Integrated Circuit Dual Operational Transconductance Amp
NTE874 NTE-NTE874 Datasheet
43Kb / 7P
Integrated Circuit TV Horiz/Vert Countdown System Circuit
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
Integrated Circuit Video IF Amplifier/PLL Detector System
NTE876 NTE-NTE876 Datasheet
26Kb / 2P
Linear Integrated Circuit LED Flasher/Oscillator
More results


Similar Description - NTE871

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE870 NTE-NTE870 Datasheet
25Kb / 3P
Integrated Circuit Dual Operational Transconductance Amp
NTE918 NTE-NTE918 Datasheet
31Kb / 4P
Integrated Circuit High Speed Operational Amplifier
NTE938 NTE-NTE938 Datasheet
27Kb / 3P
Integrated Circuit Precision Operational Amplifier (OP Amp)
logo
Fairchild Semiconductor
KH300 FAIRCHILD-KH300 Datasheet
94Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
M.S. Kennedy Corporatio...
MSK3554 MSK-MSK3554 Datasheet
270Kb / 5P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE945 NTE-NTE945 Datasheet
75Kb / 3P
Integrated Circuit Operational Amp
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
Integrated Circuit High−Speed Operational Amplifier
NTE930 NTE-NTE930 Datasheet
81Kb / 3P
Linear Integrated Circuit BiMOS Operational Amp
logo
Cadeka Microcircuits LL...
KH300 CADEKA-KH300 Datasheet
256Kb / 7P
Wideband, High-Speed Operational Amplifier
logo
Anaren Microwave
MSK3554 ANAREN-MSK3554 Datasheet
709Kb / 6P
HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com