Electronic Components Datasheet Search
  English  ▼

X  

MAX7033EUI Datasheet (PDF) - Maxim Integrated Products

MAX7033EUI Datasheet PDF - Maxim Integrated Products
Part # MAX7033EUI
Download  MAX7033EUI Download
File Size   849.48 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock

MAX7033EUI Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7033EUI Datasheet PDF - Maxim Integrated Products

Part # MAX7033EUI
Download  MAX7033EUI Click to download

File Size   849.48 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock

MAX7033EUI Datasheet (HTML) - Maxim Integrated Products


MAX7033EUI Product details

General Description
The MAX7033 fully integrated low-power CMOS super heterodyne receiver is ideal for receiving amplitude shift keyed (ASK) data in the 300MHz to 450MHz frequency range. The receiver has an RF input signal range of -114dBm to 0dBm. With few external components and a low-current power-down mode, it is ideal for cost-sensitive and power-sensitive applications typical in consumer markets. The MAX7033 consists of a low-noise amplifier (LNA), a fully differential image-rejection mixer, an on-chip phase-locked loop (PLL) with integrated voltage controlled oscillator (VCO), a 10.7MHz IF limiting amplifier stage with received-signal-strength indicator (RSSI), and analog baseband data-recovery circuitry. The MAX7033 also has a discrete one-step automatic gain control (AGC) that reduces the LNA gain by 35dB when the RF input signal exceeds -62dBm. The AGC circuitry offers an externally controlled hold feature.
The MAX7033 is available in 28-pin TSSOP and 32-pin TQFN packages and is specified over the extended (-40°C to +105°C) temperature range.

Features
● Optimized for 315MHz or 433MHz Band
● Operates from Single +3.3V or +5.0V Supplies
● High Dynamic Range with On-Chip AGC
● AGC Hold Circuit
● 1ms AGC Release Time
● Selectable Image-Rejection Center Frequency
● Selectable x64 or x32 fLO/fXTAL Ratio
● Low 5.2mA Operating Supply Current
● < 3.5μA Low-Current Power-Down Mode for Efficient Power Cycling
● 250μs Startup Time
● Built-In 44dB RF Image Rejection
● Better than -114dBm Receive Sensitivity
● -40°C to +105°C Operation

Applications
● Security Systems
● Garage Door Openers
● Home Automation
● Remote Controls
● Local Telemetry
● Wireless Sensors




Similar Part No. - MAX7033EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7033EUI+ MAXIM-MAX7033EUI+ Datasheet
214Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033EUI+ MAXIM-MAX7033EUI+ Datasheet
908Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
More results


Similar Description - MAX7033EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
315MHz/434MHz ASK Superheterodyne Receiver
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com