Electronic Components Datasheet Search
  English  ▼

X  

1424612 Datasheet (PDF) - PHOENIX CONTACT

1424612 Datasheet PDF - PHOENIX CONTACT
Part # 1424612
Download  1424612 Download
File Size   103.68 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 12 A and 63 V DC

1424612 Datasheet (PDF)

Go To PDF Page Download Datasheet
1424612 Datasheet PDF - PHOENIX CONTACT

Part # 1424612
Download  1424612 Click to download

File Size   103.68 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description High-performance: DC connectors for up to 12 A and 63 V DC

1424612 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1424612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1424610 PHOENIX-1424610 Datasheet
587Kb / 18P
SAC-5P-M12MSL/ 3,0-510 FE - Power cable
1424611 PHOENIX-1424611 Datasheet
583Kb / 18P
SAC-5P-M12MSL/ 5,0-510 FE - Power cable
1424613 PHOENIX-1424613 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424614 PHOENIX-1424614 Datasheet
114Kb / 5P
Easy and safe: 100% electrically tested plug-in components
1424615 PHOENIX-1424615 Datasheet
114Kb / 5P
Easy and safe: 100% electrically tested plug-in components
More results


Similar Description - 1424612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414823 PHOENIX-1414823 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414856 PHOENIX-1414856 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414887 PHOENIX-1414887 Datasheet
115Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414891 PHOENIX-1414891 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1424624 PHOENIX-1424624 Datasheet
116Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424617 PHOENIX-1424617 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1424613 PHOENIX-1424613 Datasheet
114Kb / 5P
High-performance: DC connectors for up to 12 A and 63 V DC
1424596 PHOENIX-1424596 Datasheet
103Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425021 PHOENIX-1425021 Datasheet
116Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
1425024 PHOENIX-1425024 Datasheet
115Kb / 4P
High-performance: DC connectors for up to 12 A and 63 V DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com