Electronic Components Datasheet Search
  English  ▼

X  

1N60S4B Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N60S4B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N60S4B
Download  1N60S4B Download
File Size   94.49 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 400 mW low voltage avalanche low noise silicon zener diodes

1N60S4B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60S4B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N60S4B
Download  1N60S4B Click to download

File Size   94.49 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 400 mW low voltage avalanche low noise silicon zener diodes

1N60S4B Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.




Similar Part No. - 1N60S4B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60S SEMTECH-1N60S Datasheet
88Kb / 2P
POINT CONTACT GERMANIUM DIODE
logo
SEMTECH ELECTRONICS LTD...
1N60S SEMTECH_ELEC-1N60S Datasheet
141Kb / 2P
POINT CONTACT GERMANIUM DIODES
1N60SW SEMTECH_ELEC-1N60SW Datasheet
233Kb / 3P
Schottky Barrier Diode
More results


Similar Description - 1N60S4B

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N5518 KNOX-1N5518 Datasheet
39Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
1N6082 KNOX-1N6082 Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
SILICON 400 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
222Kb / 3P
SILICON 400 mW ZENER DIODES
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
logo
Knox Semiconductor, Inc
LVA3100A KNOX-LVA3100A Datasheet
35Kb / 1P
LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR Datasheet
333Kb / 3P
Low Voltage Surface Mount 500 mW Avalanche Diodes
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
Silicon Planar Low Noise Zener Diodes.
01-May-02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com