| Manufacturer | Part # | Datasheet | Description |
 GENESYS LOGIC |
GL824
|
1Mb / 56P |
USB 2.0 On-The-Go Controller
|
 CONEC Elektronische Bau... |
17-200121
|
626Kb / 1P |
IP67 USB 2.0 Type A Plug Assembly Kit
|
|
39K1A364
|
626Kb / 1P |
IP67 USB USB 2.0 Type A Plug Assembly Kit Solder Cup Version
|
 PHOENIX CONTACT |
1405086
|
44Kb / 2P |
USB memory stick, IP20, memory capacity 2 GB, USB 2.0, designed to connect through the panel mounting frame VS-A-F-IP67 on the VARIOSUB-USB socket inserts
|
|
1405109
|
57Kb / 2P |
USB memory stick, IP67, memory capacity 2 GB, USB 2.0, designed to connect through the panel mounting frame VS-A-F-IP67 on the VARIOSUB-USB socket inserts
|
|
2402809
|
49Kb / 1P |
USB memory stick - USB FLASH DRIVE
|
 Molex Electronics Ltd. |
0887328600
|
33Kb / 1P |
USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
|
 PHOENIX CONTACT |
1653838
|
57Kb / 3P |
USB female insert - VS-04-BUA-BUB-F/IP67
|
|
1654581
|
71Kb / 4P |
Panel mounting frames - VS-A-S-F-IP67
|
|
1658668
|
251Kb / 5P |
Panel mounting frames - VS-A-F-IP67-BK
|