Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet (PDF) - STMicroelectronics

M41T63 Datasheet PDF - STMicroelectronics
Part # M41T63
Download  M41T63 Download
File Size   670.54 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial Access Real-Time Clock with Alarms

M41T63 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T63 Datasheet PDF - STMicroelectronics

Part # M41T63
Download  M41T63 Click to download

File Size   670.54 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Serial Access Real-Time Clock with Alarms

M41T63 Datasheet (HTML) - STMicroelectronics


M41T63 Product details

Description
The M41T6x serial access TIMEKEEPER® is a low power serial RTC with a built-in 32.768 kHz oscillator. Eight registers are used for the clock/calendar function and are configured in binary coded decimal (BCD) format. An additional 8 registers provide status/control of alarm, 32 KHz output, calibration, and watchdog functions. Addresses and data are transferred serially via a two line, bi-directional I2C interface. The built-in address register is incremented automatically after each WRITE or READ data byte.

Features
■ Serial RTC with alarm functions
   – 400 kHz I2C serial interface
   – Memory mapped registers for seconds,
      minutes, hours, day, date, month, year, and
      century
   – Tenths/hundredths of seconds register
■ 350 nA timekeeping current at 3 V
■ Timekeeping down to 1.0 V
■ 1.3 V to 4.4 V I2C bus operating voltage
   – 4.4 V max VCC suitable for lithium-ion
      battery operation
■ Low operating current of 35 µA (at 400 kHz)
■ 32 KHz square wave output is on at power-up.
   Suitable for driving a microcontroller in
   low-power mode. Can be disabled.
   (M41T62/63/64)
■ Programmable 1 Hz to 32 KHz square wave
   output (M41T62/63/64)
■ Programmable alarm with interrupt function
   (M41T62/65)
■ 32 KHz crystal oscillator integrates crystal load
   capacitors, works with high series resistance
   crystals
■ Oscillator stop detection monitors clock
   operation
■ Accurate programmable watchdog
   – 62.5 ms to 31 min timeout
■ Software clock calibration. Can adjust
   timekeeping to within ±2 parts per million (±5
   seconds per month)
■ Automatic leap year compensation
■ –40 to +85 °C operation
■ Very small 3 mm x 3 mm, Lead-free
   16-lead QFN




Similar Part No. - M41T63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T63 STMICROELECTRONICS-M41T63 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63 STMICROELECTRONICS-M41T63 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T63 STMICROELECTRONICS-M41T63 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
More results


Similar Description - M41T63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
Serial Access Real-Time Clock with Alarms
Rev. 2.0
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
Serial Access Digital Input Real-Time Clock with Alarms
12-Dec-2003
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
Serial real-time clock with alarms
25-Oct-2011
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com