Electronic Components Datasheet Search
  English  ▼

X  

1N3882 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N3882 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N3882
Download  1N3882 Download
File Size   49.69 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description GENERAL PURPOSE INDUSTRIAL

1N3882 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3882 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N3882
Download  1N3882 Click to download

File Size   49.69 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description GENERAL PURPOSE INDUSTRIAL

1N3882 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N3882 Product details

GENERAL PURPOSE & INDUSTRIAL

FAST RECOVERY RECTIFIER DIODES < 100 A




Similar Part No. - 1N3882

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3882 MICROSEMI-1N3882 Datasheet
110Kb / 2P
Fast Recovery Rectifier
logo
International Rectifier
1N3882 IRF-1N3882 Datasheet
315Kb / 8P
6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3882 VISHAY-1N3882 Datasheet
2Mb / 11P
Fast Recovery Diodes(Stud Version)
26-Sep-08
logo
Solid States Devices, I...
1N3882 SSDI-1N3882 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
Fast Rectifier, 5A < I(O) / I(F) <10A
More results


Similar Description - 1N3882

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAX16 FAIRCHILD-BAX16 Datasheet
36Kb / 1P
General Purpose Industrial Diode
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
General Purpose Relays Industrial Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
RMC TEC-RMC Datasheet
274Kb / 3P
General Purpose Relays Industrial Relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com