Electronic Components Datasheet Search
  English  ▼

X  

NTE7101 Datasheet (PDF) - NTE Electronics

NTE7101 Datasheet PDF - NTE Electronics
Part # NTE7101
Download  NTE7101 Download
File Size   22.41 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF Power Amplifier, 7W

NTE7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7101 Datasheet PDF - NTE Electronics

Part # NTE7101
Download  NTE7101 Click to download

File Size   22.41 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit AF Power Amplifier, 7W

NTE7101 Datasheet (HTML) - NTE Electronics


NTE7101 Product details

Description:

The NTE7101 is an audio power amplifier in an 8–Lead SIP type package designed for use in car radio and car stereo applications. This device features a low thermal resistance providing easy design for 2Ω load circuits and 4Ω load BTL circuits.



Features:

• High Output Power:

   PO = 7W Typ @ RL = 4Ω, THD = 10%, VCC = 14.4V

   PO = 11W Typ @ RL = 2Ω, THD = 10%, VCC = 14.4V

   PO = 18W (Bridge) @ RL = 4Ω, THD = 10%, VCC = 14.4V

• Low Distortion: THD = 0.1% Typ @ RL = 4Ω, PO = 500mW

• High Reliability

• Protection Circuits Include:

   Load Dump Voltage Surge

   Thermal Overload

   Output DC and AC Short Circuit to GND or VCC

   Reverse Insertion

• Minimum External Components Required



 




Similar Part No. - NTE7101

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7104 NTE-NTE7104 Datasheet
24Kb / 3P
Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
More results


Similar Description - NTE7101

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1009 NTE-NTE1009 Datasheet
18Kb / 2P
Integrated Circuit AF Power Amplifier, 1W
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
Integrated Circuit Audio Power Amplifier, 7W
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
Integrated Circuit AF Power Amplifier, 6W/Channel
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
Integrated Circuit Audio Power Amp, 7W
NTE1404 NTE-NTE1404 Datasheet
24Kb / 2P
Integrated Circuit TV Sound IF Amplifier, Detector, AF Output Circuit
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
Integrated Circuit Module, AF Power Amplifier, 30W/Ch
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
7W AF POWER AMPLIFIER
logo
NTE Electronics
NTE1057 NTE-NTE1057 Datasheet
87Kb / 2P
Integrated Circuit FM IF Amplifier, AF Pre−Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com