Electronic Components Datasheet Search
  English  ▼

X  

CA91 Datasheet (PDF) - fujitsu semiconductor

CA91 Datasheet PDF - fujitsu semiconductor
Part # CA91
Download  CA91 Download
File Size   97.57 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description CMOS AccelArray

CA91 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA91 Datasheet PDF - fujitsu semiconductor

Part # CA91
Download  CA91 Click to download

File Size   97.57 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description CMOS AccelArray

CA91 Datasheet (HTML) - fujitsu semiconductor


CA91 Product details

■ DESCRIPTION

AccelArrayTM* is a new structured ASIC family, offering short development time, and low development cost with pre-diffused IP macros into base masters and pre-designed common 3 to 4 metal layers out of 6 to 7 layers. By using 0.11 µm CMOS process technology, the devices can support 6 million logic gates, 4.55 Mbits SRAM and 3.125 Gbps high speed transmission macros. Ultra-high pin count FC-BGA (up to 729 pins to 1681 pins) packages are available.



■ FEATURES

• High-speed, large scale ASIC produced in short development time:

  TAT = One third compared with Standard Cell ASICs (target value)

• Uses an architecture that simplifies physical design tasks.

• Pre-designed common masters with IR-drop free.

• Pre-designed test circuit insertion to reduce test synthesis tasks.

• Uses a dedicated timing-driven layout tool to reduce development time.

• Signal Integrity Free (pre-designed main clock trees without design verifications)

• Max built-in gate number : 6,000,000 gates or more

• Technology : 0.11 µm Silicon gate CMOS, 6 to 7-metal layers (wiring material: copper), low-k inter-layer film

• Internal cells support high-speed operation

• Power supply voltage : +1.2 V ± 0.1 V/2.5 V ± 0.2 V (Dual power supply. Needs 1.5 V power supply during using HTSL.).

• Operation junction temperature : −40 °C to +125 °C (standard)

• Max operating frequency: 333 MHz (internal circuit)

• Support for fast interface/macro (200 MHz/400 MHz DDR I/F, 2.5 Gbps PCI Express, 3.125 Gbps XAUI, etc.)

• Special interfaces (P-CML,LVDS,PCI,HSTL,SSTL-2, etc.)

• Embedded macro : PLL, SRAM

• 8-channel clock supply system incorporating a PLL

• Supports Memory-BIST/Boundary-SCAN

• Package : FC-BGA (729 pins to 1681 pins)

• ARM core is supported.



 




Similar Part No. - CA91

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA912 MOTOROLA-CA912 Datasheet
52Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
logo
Renesas Technology Corp
CA91C142D RENESAS-CA91C142D Datasheet
1Mb / 25P
High-Performance PCI-to-VMEbus Interconnect
Rev.1.00 Jul 2, 2024
CA91C142D-25EE RENESAS-CA91C142D-25EE Datasheet
1Mb / 375P
Universe IID/IIBTM User Manual
June 28, 2013
CA91C142D-25EE RENESAS-CA91C142D-25EE Datasheet
1Mb / 25P
High-Performance PCI-to-VMEbus Interconnect
Rev.1.00 Jul 2, 2024
More results


Similar Description - CA91

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1630Q01 ETC-HA1630Q01 Datasheet
216Kb / 7P
CMOS
logo
Nel Frequency Controls,...
AC-A1460 NEL-AC-A1460 Datasheet
38Kb / 2P
CMOS
HS-A370 NEL-HS-A370 Datasheet
257Kb / 2P
CMOS
SJ-A370 NEL-SJ-A370 Datasheet
258Kb / 2P
CMOS
logo
List of Unclassifed Man...
VDA ETC2-VDA Datasheet
1Mb / 20P
CMOS
VDD ETC2-VDD Datasheet
1Mb / 22P
CMOS
VRD ETC2-VRD Datasheet
3Mb / 36P
CMOS
logo
Rohm
BD49K24G-TL ROHM-BD49K24G-TL Datasheet
507Kb / 18P
Standard CMOS Standard CMOS
logo
Shenzhen Titan Micro El...
TM74HC595 TITAN-TM74HC595 Datasheet
753Kb / 7P
CMOS
TM74HC04 TITAN-TM74HC04 Datasheet
181Kb / 6P
CMOS
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com