Electronic Components Datasheet Search
  English  ▼

X  

NTE7072 Datasheet (PDF) - NTE Electronics

NTE7072 Datasheet PDF - NTE Electronics
Part # NTE7072
Download  NTE7072 Download
File Size   22.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual DC Controlled Potentiometer Circuit

NTE7072 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7072 Datasheet PDF - NTE Electronics

Part # NTE7072
Download  NTE7072 Click to download

File Size   22.73 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual DC Controlled Potentiometer Circuit

NTE7072 Datasheet (HTML) - NTE Electronics


NTE7072 Product details

Description:

The NTE7072 is a monolithic integrated circuit designed for use as a volume and tone control circuit in stereo amplifiers. This dual tandem potentiometer IC consists of two ganged pairs of electronic potentiometers with eight inputs connected via impedance converters, and the four outputs driving individual operational amplifiers. The setting of each electronic potentiometer pair is controlled by an individual DC control voltage. The potentiometers operate by current division between the arms of cross–coupled long–tailed pairs. The current division factor is determined by the level and polarity of the DC control voltage with respect to an externally available reference level of half the supply voltage. Since the electronic potentiometers are adjusted by a DC control voltage, each pair can be controlled by single linear potentiometers which can be located in any position dictated by the equipment styling. Since the input and feedback impedances around the operational amplifier gain blocks are external, the NTE7072 can perform bass/treble and volume/loudness control. It also can be used as a low–level fader to control the sound distribution between the front and rear loudspeakers in car radio installations.



Features:

• High impedance inputs to both ‘ends’ of each electronic potentiometer

• Ganged potentiometers track within 0.5dB

• Electronic rejection of supply ripple

• Internally–generated reference level available externally so that the control voltage can be made to swing positively and negatively around a well–defined 0V level

• The operational amplifiers have push–pull outputs for wide voltage swing and low current consumption

• The operation amplifier outputs are current limited to provide output short–circuit protection

• Although designed to operate from a 20V supply (giving a maximum input and output signal level of 6V), the NTE7072 can work from a supply as low as 7.5V with reduced input and output signal levels



Applications:

• Volume Control

• Tone Control

• Low Level Fader



 




Similar Part No. - NTE7072

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7070 NTE-NTE7070 Datasheet
20Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 6W/Ch
NTE7071 NTE-NTE7071 Datasheet
86Kb / 4P
Integrated Circuit Dual, Full−Bridge Driver
NTE7073 NTE-NTE7073 Datasheet
19Kb / 2P
Integrated Circuit Hybrid Switching Regulator
NTE7074 NTE-NTE7074 Datasheet
18Kb / 2P
Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7075 NTE-NTE7075 Datasheet
24Kb / 2P
Integrated Circuit Module - 100W Offline Switching Regulator for Color TV
More results


Similar Description - NTE7072

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1268 NTE-NTE1268 Datasheet
22Kb / 2P
Integrated Circuit DC Servo Circuit for VCR
NTE1439 NTE-NTE1439 Datasheet
21Kb / 2P
Integrated Circuit Dual Attenuator
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
Integrated Circuit Dual, DC Motor Driver
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
Integrated Circuit Voltage Controlled Oscillator
logo
NXP Semiconductors
TDA1074A PHILIPS-TDA1074A Datasheet
167Kb / 15P
Dual tandem electronic potentiometer circuit
December 1982
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
Dual Integrated Circuit
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
LIne-Controlled Integrated Circuit LED Control Integrated Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com