Electronic Components Datasheet Search
  English  ▼

X  

MAX8724 Datasheet (PDF) - Maxim Integrated Products

MAX8724 Datasheet PDF - Maxim Integrated Products
Part # MAX8724
Download  MAX8724 Download
File Size   879.22 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Multichemistry Battery Chargers

MAX8724 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8724 Datasheet PDF - Maxim Integrated Products

Part # MAX8724
Download  MAX8724 Click to download

File Size   879.22 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Multichemistry Battery Chargers

MAX8724 Datasheet (HTML) - Maxim Integrated Products


MAX8724 Product details

General Description
The MAX1908/MAX8724/MAX8765/MAX8765A highly integrated, multichemistry battery-charger control ICs simplify the construction of accurate and efficient chargers. These devices use analog inputs to control charge current and voltage, and can be programmed by the host or hardwired. The MAX1908/MAX8724/MAX8765/MAX8765A achieve high efficiency using a buck topology with synchronous rectification.

Features
♦ ±0.5% Output Voltage Accuracy Using Internal Reference (±0.4% for MAX8765A, 2-/3-Cell Only)
♦ ±4% Accurate Input Current Limiting
♦ ±5% Accurate Charge Current
♦ Analog Inputs Control Charge Current and Charge Voltage
♦ Outputs for Monitoring
    Current Drawn from AC Adapter
    Charging Current
    AC Adapter Presence
♦ Up to 17.6V Battery-Voltage Set Point
♦ Maximum 28V Input Voltage
♦ > 95% Efficiency
♦ Shutdown Control Input
♦ Charge Any Battery Chemistry Li+, NiCd, NiMH, Lead Acid, etc.

Applications
    Notebook and Subnotebook Computers
    Personal Digital Assistants
    Handheld Terminals




Similar Part No. - MAX8724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8724 MAXIM-MAX8724 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX8724 MAXIM-MAX8724 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX8724ETI MAXIM-MAX8724ETI Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX8724ETI+ MAXIM-MAX8724ETI+ Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
More results


Similar Description - MAX8724

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com