Electronic Components Datasheet Search
  English  ▼

X  

NTE7013 Datasheet (PDF) - NTE Electronics

NTE7013 Datasheet PDF - NTE Electronics
Part # NTE7013
Download  NTE7013 Download
File Size   22.91 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Remote Control Preamp with Active ?쏬ow?

NTE7013 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7013 Datasheet PDF - NTE Electronics

Part # NTE7013
Download  NTE7013 Click to download

File Size   22.91 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Remote Control Preamp with Active ?쏬ow?

NTE7013 Datasheet (HTML) - NTE Electronics


NTE7013 Product details

Description:

The NTE7013 is a bipolar integrated circuit in an 8–Lead DIP type package intended for infrared remote control applications. This device has an active “Low” output polarity and contains a high–gain amplifier, a limiter amplifier, a band–pass filter, a detector, and a pulse shaper.



Features:

• On–Chip Band–Pass Filter: Frequenct Range 30 to 60kHz

• High Gain Pre–Amplifier: 86dB Typ

• Detector for PCM Demodulation

• Low Current Consumption

• Minimum External Components



 




Similar Part No. - NTE7013

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
Integrated Circuit Video Signal Processor
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
Integrated Circuit 20W Audio Power Amplifier Circuit
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
Integrated Circuit PLL SIF & VIF for TV & VCR
NTE7016 NTE-NTE7016 Datasheet
24Kb / 3P
Integrated Circuit FM IF System
More results


Similar Description - NTE7013

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1714M NTE-NTE1714M Datasheet
19Kb / 2P
Integrated Circuit Remote Control Amplifier/Detector
NTE1714S NTE-NTE1714S Datasheet
19Kb / 2P
Integrated Circuit Remote Control Amplifier/Detector
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
Integrated Circuit Dual Preamp
NTE1738 NTE-NTE1738 Datasheet
24Kb / 3P
Integrated Circuit TV Remote Control Receiver
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
Integrated Circuit Remote Control Receiver
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
Integrated Circuit Infrared Remote Control Preamp
NTE1791 NTE-NTE1791 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control Amplifier
NTE1185 NTE-NTE1185 Datasheet
72Kb / 2P
Integrated Circuit Audio PreAmp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com