Electronic Components Datasheet Search
  English  ▼

X  

NTE7005 Datasheet (PDF) - NTE Electronics

NTE7005 Datasheet PDF - NTE Electronics
Part # NTE7005
Download  NTE7005 Download
File Size   27.3 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2-Phase Stepping Motor Driver

NTE7005 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7005 Datasheet PDF - NTE Electronics

Part # NTE7005
Download  NTE7005 Click to download

File Size   27.3 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 2-Phase Stepping Motor Driver

NTE7005 Datasheet (HTML) - NTE Electronics


NTE7005 Product details

Description:

The NTE7005 monolithic power IC is a dual bridge driver in a 16–Lead DIP type package. The maximum driving current and voltage is 330mA x 12V per bridge. Therefore, the best use for this part is in a two–phase bipolar stepping motor driving the head actuator of a 3, to 5.25–inch Floppy Disk Drive.



Features:

• 330mA Output Current Capability

• Dual Bridge Included

• Power Save

• Single Input Direction Control

• Low Output Saturation Voltage

• Low Supply Current

• Low Input Current

• Compatible with TTL, LSTTL, and 5V CMOS

• Thermal Shutdown



 




Similar Part No. - NTE7005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE700 NTE-NTE700 Datasheet
22Kb / 2P
Integrated Circuit TV Chroma System
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
Integrated Circuit 5W Audio Amplifier with Muting
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
Integrated Circuit Switched Mode Power Supply Control
NTE7004 NTE-NTE7004 Datasheet
29Kb / 4P
Integrated Circuit Electronic Channel Select System Control
More results


Similar Description - NTE7005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1736 NTE-NTE1736 Datasheet
89Kb / 4P
Integrated Circuit Module, 4-Phase Stepping Motor Driver
logo
Sanyo Semicon Device
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
2-phase Stepping Motor Driver
June, 2013
STK672-622A-E ONSEMI-STK672-622A-E Datasheet
222Kb / 23P
2-phase Stepping Motor Driver
June, 2013
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
2-phase Stepping Motor Driver
June, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com