Electronic Components Datasheet Search
  English  ▼

X  

FT28C16-20PC Datasheet (PDF) - Force Technologies Ltd

FT28C16-20PC Datasheet PDF - Force Technologies Ltd
Part # FT28C16-20PC
Download  FT28C16-20PC Download
File Size   1025.76 Kbytes
Page   12 Pages
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd
Description Parallel EEPRO M 16K (2Kx8)

FT28C16-20PC Datasheet (PDF)

Go To PDF Page Download Datasheet
FT28C16-20PC Datasheet PDF - Force Technologies Ltd

Part # FT28C16-20PC
Download  FT28C16-20PC Click to download

File Size   1025.76 Kbytes
Page   12 Pages
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd
Description Parallel EEPRO M 16K (2Kx8)

FT28C16-20PC Datasheet (HTML) - Force Technologies Ltd




Similar Part No. - FT28C16-20PC

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT28C010 FORCE-FT28C010 Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DB-AT FORCE-FT28C010-12DB-AT Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DB-X FORCE-FT28C010-12DB-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DI-AT FORCE-FT28C010-12DI-AT Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
FT28C010-12DI-X FORCE-FT28C010-12DI-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
More results


Similar Description - FT28C16-20PC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
logo
Seiko Instruments Inc
S-2812A SII-S-2812A Datasheet
1,007Kb / 18P
CMOS 16K-bit PARALLEL EEPROM
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
16K (2K x 8) Parallel EEPROMs
logo
Holtek Semiconductor In...
HT6116 HOLTEK-HT6116 Datasheet
305Kb / 10P
CMOS 2Kx8-Bit SRAM
3rd July 97
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
16K (2K x 8) Parallel EEPROMs
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A_04 Datasheet
417Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
CAT28C17A CATALYST-CAT28C17A_04 Datasheet
512Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48 Datasheet
344Kb / 15P
2Kx8 AutoStore nvSRAM
STK22C48 SIMTEK-STK22C48_08 Datasheet
316Kb / 16P
2Kx8 AutoStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com